Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMG3402 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG3402
Description  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG3402 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMG3402 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG3402 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG3402 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG3402 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMG3402
N-Ch Enhancement Mode Power MOSFET
4.6 A, 30 V, RDS(ON), 30 mΩ
01-December-2008 Rev. A
Page 1 of 4
3402
1
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS & FEATURES
The SMG3402 uses advanced trench technology to provide excellent on-resistance.
The device is suitable for use as a load switch or in PWM applications.
Lower On-resistance
PACKAGE INFORMATION
Weight: 0.07800g
MARKING CODE
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
3
ID @TA=25℃
4.6
A
Continuous Drain Current
3
ID @TA=70℃
3.7
A
Pulsed Drain Current
1,2
IDM
16
A
Total Power Dissipation
PD @TA=25℃
1.38
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 ~ +150
Linear Derating Factor
0.01
W/℃
THERMAL DATA
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient
3
Max
RθJ-AMB
90
℃/W
1
Gate
2
Source
Drain
3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.10 REF.
B
2.25
3.00
H
0.40 REF.
C
1.30
1.70
J
0.10
0.20
D
1.00
1.40
K
0.45
0.55
E
1.70
2.30
L
0.85
1.15
F
0.35
0.50
SC-59


Similar Part No. - SMG3402

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMG3402 VBSEMI-SMG3402 Datasheet
493Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMG3402 SECOS-SMG3402_15 Datasheet
689Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SMG3402

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com