Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE26A Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # LCE26A
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

LCE26A Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  LCE26A Datasheet HTML 1Page - EIC discrete Semiconductors LCE26A Datasheet HTML 2Page - EIC discrete Semiconductors LCE26A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Reverse
Maximum
Maximum
Maximum
Maximum
W orking
Max. Inverse
Peak Inverse
Breakdown Voltage @ It
Stand-off
Reverse
Clamping
Reverse
Junction
Inverse
Blocking
Blocking
Voltage
Leakage
Voltage
Current
Capacitance
Blocking
Current
Voltage
@ VRWM
@ IRSM
@ 0 Volt
Voltage
@ VW IB
VBR (V)
It
VRWM
IR
VRSM
IRSM
VW IB
IIB
VPIB
Min.
Max.
(mA)
(V)
(
µA)
(V)
(A)
pF
(V)
mA
(V)
LCE45
50.0
61.1
1.0
45
5.0
80.3
18.7
100
150
1.0
200
LCE45A
50.0
55.3
1.0
45
5.0
72.7
20.6
100
150
1.0
200
LCE48
53.3
65.1
1.0
48
5.0
85.5
17.5
100
150
1.0
200
LCE48A
53.3
58.9
1.0
48
5.0
77.4
19.4
100
150
1.0
200
LCE51
56.7
69.3
1.0
51
5.0
91.1
16.5
100
150
1.0
200
LCE51A
56.7
62.7
1.0
51
5.0
82.4
18.2
100
150
1.0
200
LCE54
60.0
73.3
1.0
54
5.0
96.3
15.6
100
150
1.0
200
LCE54A
60.0
66.3
1.0
54
5.0
87.1
17.2
100
150
1.0
200
LCE58
64.4
78.7
1.0
58
5.0
103
14.6
100
150
1.0
200
LCE58A
64.4
71.2
1.0
58
5.0
93.6
16
100
150
1.0
200
LCE60
66.7
81.5
1.0
60
5.0
107
14
90
150
1.0
200
LCE60A
66.7
73.7
1.0
60
5.0
96.8
15.5
90
150
1.0
200
LCE64
71.1
86.9
1.0
64
5.0
114
13.2
90
150
1.0
200
LCE64A
71.1
78.6
1.0
64
5.0
103
14.6
90
150
1.0
200
LCE70
77.8
95.1
1.0
70
5.0
125
12
90
150
1.0
200
LCE70A
77.8
86.0
1.0
70
5.0
113
13.3
90
150
1.0
200
LCE75
83.3
102
1.0
75
5.0
134
11.2
90
150
1.0
200
LCE75A
83.3
92.1
1.0
75
5.0
121
12.4
90
150
1.0
200
LCE80
88.7
108
1.0
80
5.0
142
10.6
90
150
1.0
200
LCE80A
88.7
98.0
1.0
80
5.0
129
11.6
90
150
1.0
200
LCE90
100
122
1.0
90
5.0
160
9.4
90
300
1.0
200
LCE90A
100
111
1.0
90
5.0
146
10.3
90
300
1.0
200
FIG.1 - PEAK PULSE POWER RATING CURVE
FIG.2 - PULSE DERATING CURVE
FIG.3 - PULSE WAVEFORM
TYPE
NUMBER
100
10
0.1
1.0
tp, PULSE W IDTH
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
80
60
40
20
120
0
100
0
25
75
50
100
125
150
175
Peak Power
(single Pulse)
Average Power
Lead Lengths
0.375"(9.5mm)
TL, LEAD TEMPERATURE (
°C)
50
100
0
Tf = 10
µs
Peak Value
IRMS
Half Value - IRMS
TJ=25
°C
Pulse W idth (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 W aveform
as defined by R.E.A.
T, TIME(ms)
2
tp
1
0
2
3
4
100ms


Similar Part No. - LCE26A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LCE26A MICROSEMI-LCE26A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
MERITEK ELECTRONICS COR...
LCE26A MERITEK-LCE26A Datasheet
391Kb / 3P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
LCE26A UNSEMI-LCE26A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Littelfuse
LCE26A LITTELFUSE-LCE26A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
logo
Ruilongyuan Electronics...
LCE26A RUILON-LCE26A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - LCE26A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC_13 Datasheet
130Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com