Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB130 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SB130
Description  SCHOTTKY BARRIER RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SB130 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SB130 Datasheet HTML 1Page - EIC discrete Semiconductors SB130 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SB120 - SB1B0 )
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
1.00
0.75
0.50
0.25
1.25
40
0
50
0
30
20
10
10
1.0
80
0.01
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ= 100
°C
TJ = 25
°C
SB120
SB130
SB140
SB150
THRU
SB1B0
1.0
0.1
10
FORWARD VOLTAGE, VOLTS
20
SB150
SB160
SB170
TJ = 25
°C
PULSE WIDTH = 300
µs
DUTY CYCLE = 2%
SB120
SB130
SB140
SB180
SB190
SB1B0


Similar Part No. - SB130

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB130 PANJIT-SB130 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Rugao Dachang Electroni...
SB130 DACHANG-SB130 Datasheet
127Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Semikron International
SB130 SEMIKRON-SB130 Datasheet
127Kb / 2P
   Schottky barrier rectifiers diodes
logo
Microdiode Electronics ...
SB130 CHENDA-SB130 Datasheet
586Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SynSemi, Inc.
SB130 SYNSEMI-SB130 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - SB130

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com