Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJZEB1H471 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECJZEB1H471
Description  Multilayer Ceramic Capacitors(For General Usage)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJZEB1H471 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ECJZEB1H471 Datasheet HTML 3Page - Panasonic Semiconductor ECJZEB1H471 Datasheet HTML 4Page - Panasonic Semiconductor ECJZEB1H471 Datasheet HTML 5Page - Panasonic Semiconductor ECJZEB1H471 Datasheet HTML 6Page - Panasonic Semiconductor ECJZEB1H471 Datasheet HTML 7Page - Panasonic Semiconductor ECJZEB1H471 Datasheet HTML 8Page - Panasonic Semiconductor ECJZEB1H471 Datasheet HTML 9Page - Panasonic Semiconductor ECJZEB1H471 Datasheet HTML 10Page - Panasonic Semiconductor ECJZEB1H471 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
– EC14 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Standard Products for EIA “0402”, Taped Version
● Class 1
◆ Temperature Characteristic Code : C (Temp. Char. : C∆)
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CK
CJ
CH
CG
0.5 ±0.25 pF (C) ECJ0EC1H0R5C 0.5
——
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ0EC1H010
0.5
——
1.5
ECJ0EC1H1R5
0.5
——
2
ECJ0EC1H020
0.5
——
3
ECJ0EC1H030
0.5
——
4
ECJ0EC1H040
0.5
5
ECJ0EC1H050
0.5
6
±0.5 pF(D)
ECJ0EC1H060D
0.5
7
ECJ0EC1H070D
0.5
8
ECJ0EC1H080D
0.5
9
ECJ0EC1H090D
0.5
10
±0.5 pF (D)
or ±1 pF (F)
ECJ0EC1H100
0.5
12
±5 % (J)
or
±10 % (K)
ECJ0EC1H120
0.5
15
ECJ0EC1H150
0.5
18
ECJ0EC1H180
0.5
22
ECJ0EC1H220
0.5
27
ECJ0EC1H270
0.5
33
ECJ0EC1H330
0.5
39
ECJ0EC1H390
0.5
47
ECJ0EC1H470
0.5
56
ECJ0EC1H560
0.5
68
ECJ0EC1H680
0.5
82
ECJ0EC1H820
0.5
100
ECJ0EC1H101
0.5
120
ECJ0EC1H121
0.5
150
ECJ0EC1H151
0.5
180
ECJ0EC1H181
0.5
220
ECJ0EC1H221
0.5
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “E” (T = 0.5 mm): 10,000 pcs./reel.
Recommend soldering method: Reflow soldering.
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
SL
0.5 ±0.25 pF (C) ECJ0EG1H0R5C 0.5
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ0EG1H010
0.5
1.5
ECJ0EG1H1R5
0.5
2
ECJ0EG1H020
0.5
3
ECJ0EG1H030
0.5
4
ECJ0EG1H040
0.5
5
ECJ0EG1H050
0.5
6
±0.5 pF(D)
ECJ0EG1H060D
0.5
7
ECJ0EG1H070D
0.5
8
ECJ0EG1H080D
0.5
9
ECJ0EG1H090D
0.5
10
±0.5 pF (D)
or ±1 pF (F)
ECJ0EG1H100
0.5
12
±5 % (J)
or
±10 % (K)
ECJ0EG1H120
0.5
15
ECJ0EG1H150
0.5
18
ECJ0EG1H180
0.5
22
ECJ0EG1H220
0.5
27
ECJ0EG1H270
0.5
33
ECJ0EG1H330
0.5
39
ECJ0EG1H390
0.5
47
ECJ0EG1H470
0.5
56
ECJ0EG1H560
0.5
68
ECJ0EG1H680
0.5
82
ECJ0EG1H820
0.5
100
ECJ0EG1H101
0.5
120
ECJ0EG1H121
0.5
150
ECJ0EG1H151
0.5
180
ECJ0EG1H181
0.5
220
ECJ0EG1H221
0.5
◆ Temperature Characteristic Code : G (Temp. Char. : SL)
Sep. 2008
00


Similar Part No. - ECJZEB1H471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJZEB1H471 PANASONIC-ECJZEB1H471 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEB1H471 PANASONIC-ECJZEB1H471 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJZEB1H471 PANASONIC-ECJZEB1H471 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB1H471 PANASONIC-ECJZEB1H471 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB1H471 PANASONIC-ECJZEB1H471 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results

Similar Description - ECJZEB1H471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-2VB1H223K PANASONIC-ECJ-2VB1H223K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H330J PANASONIC-ECJ-1VC1H330J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H120J PANASONIC-ECJ-2VC1H120J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1C473K PANASONIC-ECJ-1VB1C473K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H104Z PANASONIC-ECJ-1VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H473Z PANASONIC-ECJ-1VF1H473Z Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EC1H220J PANASONIC-ECJ-0EC1H220J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H270J PANASONIC-ECJ-1VC1H270J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2FB1C474K PANASONIC-ECJ-2FB1C474K Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1H333K PANASONIC-ECJ-1VB1H333K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com