Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCV850DGGG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCV850DGGG4
Description  2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2-LINE SERIAL INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV850DGGG4 Datasheet(HTML) 4 Page - Texas Instruments

  CDCV850DGGG4 Datasheet HTML 1Page - Texas Instruments CDCV850DGGG4 Datasheet HTML 2Page - Texas Instruments CDCV850DGGG4 Datasheet HTML 3Page - Texas Instruments CDCV850DGGG4 Datasheet HTML 4Page - Texas Instruments CDCV850DGGG4 Datasheet HTML 5Page - Texas Instruments CDCV850DGGG4 Datasheet HTML 6Page - Texas Instruments CDCV850DGGG4 Datasheet HTML 7Page - Texas Instruments CDCV850DGGG4 Datasheet HTML 8Page - Texas Instruments CDCV850DGGG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CDCV850
2.5-V PHASE LOCK LOOP CLOCK DRIVER
WITH 2-LINE SERIAL INTERFACE
SCAS647D − OCTOBER 2000 − REVISED APRIL 2013
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range: VDDQ, AVDD
−0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDDI
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range:
VI (except SCLK and SDATA) (see Notes 1 and 2)
0.5 V to VDDQ + 0.5 V
. . . . . . . . .
VI (SCLK, SDATA) (see Notes 1 and 2)
0.5 V to VDDI + 0.5 V
. . . . . . . . . . . . . . . . . . . .
Output voltage range: VO (except SDATA) (see Notes 1 and 2)
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . . .
VO (SDATA) (see Notes 1 and 2)
0.5 V to VDDQ + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VDDQ)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance, θJA (see Note 3): DGG package
89°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
65°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This value is limited to 3.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 4)
MIN
TYP
MAX
UNIT
Supply voltage
VDDQ, AVDD
2.3
2.7
V
Supply voltage
VDDI (see Note 5)
2.3
3.6
V
CLK, CLK, HCSL Buffer only
0
0.24
Low level input voltage V
CLK, CLK
−0.3
VDDQ − 0.4
V
Low level input voltage, VIL
FBIN, FBIN
VDDQ/2 − 0.18
V
SDATA, SCLK
0.3 × VDDI
CLK, CLK, HCSL Buffer only
0.66
0.71
High level input voltage V
CLK, CLK
0.4
VDDQ + 0.3
V
High level input voltage, VIH
FBIN, FBIN
VDDQ/2 + 0.18
V
SDATA, SCLK
0.7 × VDDI
DC input signal voltage (see Note 6)
–0.3
VDDQ + 0.3
V
Differential input signal voltage V (see Note 7)
DC
CLK, FBIN
0.36
VDDQ + 0.6
V
Differential input signal voltage, VID (see Note 7)
AC
CLK, FBIN
0.2
VDDQ + 0.6
V
Input differential pair cross-voltage, VIX (see Note 8)
0.45×(VIH−VIL)
0.55×(VIH−VIL)
V
High-level output current, IOH
−12
mA
Low level output current I
12
V
Low-level output current, IOL
SDATA
3
mA
Input slew rate, SR (see Figure 8)
1
4
V/ns
SSC modulation frequency
30
33.3
kHz
SSC clock input frequency deviation
0
−0.50
kHz
Operating free-air temperature, TA
−40
85
°C
NOTES: 4. Unused inputs must be held high or low to prevent them from floating.
5. All devices on the serial interface bus, with input levels related to VDDI, must have one common supply line to which the pullup resistor
is connected to.
6. DC input signal voltage specifies the allowable dc execution of differential input.
7. Differential input signal voltage specifies the differential voltage |VTR − VCP| required for switching, where VTR is the true input level
and VCP is the complementary input level.
8. Differential cross-point voltage is expected to track variations of VCC and is the voltage at which the differential signals must be
crossing.


Similar Part No. - CDCV850DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV850 TI-CDCV850 Datasheet
228Kb / 15P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
CDCV850I TI-CDCV850I Datasheet
228Kb / 15P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
More results

Similar Description - CDCV850DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCV850 TI-CDCV850 Datasheet
228Kb / 15P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER WITH 2 LINE SERIAL INTERFACE
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857B TI1-CDCV857B_17 Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com