Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1HP332CA Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECEC1HP332CA
Description  Compact size for general purpose and industrial applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1HP332CA Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECEC1HP332CA Datasheet HTML 1Page - Panasonic Semiconductor ECEC1HP332CA Datasheet HTML 2Page - Panasonic Semiconductor ECEC1HP332CA Datasheet HTML 3Page - Panasonic Semiconductor ECEC1HP332CA Datasheet HTML 4Page - Panasonic Semiconductor ECEC1HP332CA Datasheet HTML 5Page - Panasonic Semiconductor ECEC1HP332CA Datasheet HTML 6Page - Panasonic Semiconductor ECEC1HP332CA Datasheet HTML 7Page - Panasonic Semiconductor ECEC1HP332CA Datasheet HTML 8Page - Panasonic Semiconductor ECEC1HP332CA Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
18
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
470
22 x 20
1.00
1.15
0.459
0.298
22 x 25
1.11
1.28
0.459
0.298
560
22 x 25
1.32
1.52
0.385
0.250
680
22 x 25
1.61
1.85
0.317
0.206
25 x 20
1.10
1.27
0.366
0.238
1000
22 x 30
1.96
2.25
0.216
0.140
25 x 25
1.96
2.25
0.216
0.140
30 x 20
1.20
1.38
0.249
0.162
1200
22 x 35
2.31
2.66
0.193
0.126
25 x 30
2.31
2.66
0.180
0.117
1500
22 x 40
2.57
2.96
0.155
0.101
25 x 30
2.57
2.96
0.155
0.101
30 x 25
2.57
2.96
0.155
0.101
35 x 20
1.50
1.73
0.177
0.115
1800
22 x 45
2.84
3.27
0.129
0.084
25 x 35
2.84
3.27
0.138
0.090
30 x 30
2.84
3.27
0.138
0.090
2200
22 x 50
3.14
3.61
0.121
0.078
25 x 40
3.14
3.61
0.121
0.078
30 x 30
3.14
3.61
0.121
0.078
35 x 25
3.14
3.61
0.121
0.078
2700
25 x 45
3.71
4.27
0.104
0.068
30 x 35
3.71
4.27
0.104
0.068
35 x 30
3.71
4.27
0.104
0.068
3300
25 x 50
4.06
4.67
0.090
0.059
30 x 40
4.06
4.67
0.090
0.059
3900
30 x 45
4.54
5.22
0.077
0.050
35 x 35
4.54
5.22
0.081
0.052
4700
30 x 50
5.13
5.90
0.071
0.049
35 x 40
5.13
5.90
0.071
0.049
5600
35 x 45
5.75
6.61
0.059
0.041
6800
35 x 50
6.60
7.59
0.049
0.037
220
22 x 20
0.75
1.05
0.980
0.490
22 x 25
0.91
1.27
0.829
0.414
270
22 x 25
1.19
1.67
0.675
0.338
25 x 20
0.87
1.22
0.798
0.399
330
22 x 25
1.45
2.03
0.553
0.276
390
22 x 25
1.62
2.27
0.468
0.234
25 x 25
1.62
2.27
0.468
0.234
30 x 20
1.10
1.54
0.595
0.298
470
22 x 30
2.11
2.95
0.423
0.212
25 x 25
2.11
2.95
0.423
0.212
560
22 x 30
2.25
3.15
0.355
0.178
22 x 35
2.25
3.15
0.355
0.178
25 x 25
2.25
3.15
0.355
0.178
25 x 30
2.25
3.15
0.355
0.178
35 x 20
1.30
1.82
0.414
0.207
680
22 x 35
2.50
3.50
0.293
0.146
22 x 40
2.50
3.50
0.293
0.146
25 x 30
2.50
3.50
0.293
0.146
30 x 25
2.50
3.50
0.293
0.146
820
22 x 40
2.50
3.50
0.243
0.121
22 x 45
2.75
3.85
0.263
0.131
25 x 35
2.75
3.85
0.263
0.131
30 x 25
2.75
3.85
0.263
0.131
30 x 30
2.75
3.85
0.263
0.131
1000
22 x 45
3.00
4.20
0.216
0.108
25 x 40
3.00
4.20
0.216
0.108
25 x 45
3.00
4.20
0.232
0.128
30 x 30
3.00
4.20
0.232
0.128
30 x 35
3.00
4.20
0.232
0.128
35 x 30
3.00
4.20
0.232
0.128
ECEC2AP471BA
ECEC2AP122CA
ECEC2AP152BA
ECEC2AP122BA
ECEC2AP222BA
ECEC2AP561BA
ECEC2AP681BA
ECEC2AP681CL
ECEC2AP102BA
ECEC2AP102CA
ECEC2AP152CA
ECEC2AP152DA
ECEC2AP152EL
ECEC2AP182BA
ECEC2AP182CA
ECEC2AP182DA
ECEC2AP222CA
ECOS2AP272DA
ECOS2AP272EA
ECOS2AP332CA
ECOS2AP332DA
100 VDC Working, 125 VDC Surge
ECOS2AP102DL
ECOS2AP681BA
4.0mm Length Terminal
Part numbers shown with 2 pins
ECEC2AP102DL
ECEC2AP471BL
ECOS2AP152CA
ECOS2AP471BL
ECOS2AP471BA
ECOS2AP561BA
ECOS2AP681CL
ECOS2AP102BA
ECOS2AP102CA
ECOS2AP222BA
Panasonic Part Number (By Terminal Length)
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR ( , max.)
ECOS2AP182CA
ECOS2AP182DA
ECOS2AP222EA
ECOS2AP272CA
ECOS2CP221BA
ECOS2CP271BA
ECOS2AP392DA
ECOS2AP392EA
ECOS2AP472DA
ECOS2AP472EA
D x L
6.3mm Length Terminal
ECOS2AP222DA
ECOS2AP182BA
ECOS2AP152EL
ECOS2AP122BA
ECOS2AP122CA
ECOS2AP152BA
ECOS2AP222CA
ECOS2AP152DA
ECEC2AP222DA
ECEC2AP222EA
ECEC2AP272CA
ECEC2AP272DA
ECEC2AP272EA
ECEC2AP332CA
ECEC2AP332DA
ECEC2AP392DA
ECEC2AP392EA
ECEC2AP472DA
ECEC2AP472EA
ECEC2AP562EA
ECEC2AP682EA
160 VDC Working, 200 VDC Surge
ECOS2CP221BL
ECOS2AP562EA
ECOS2AP682EA
ECOS2CP271CL
ECOS2CP331BA
ECOS2CP391BX
ECOS2CP391CA
ECOS2CP391DL
ECOS2CP471BA
ECOS2CP471CA
ECOS2CP561BX
ECOS2CP561BA
ECOS2CP561CX
ECOS2CP561CA
ECOS2CP561EL
ECOS2CP681BX
ECOS2CP681BA
ECOS2CP681CX
ECOS2CP681DA
ECOS2CP821BX
ECOS2CP821BA
ECOS2CP821CA
ECOS2CP821DX
ECOS2CP821DA
ECOS2CP102BX
ECOS2CP102CX
ECOS2CP102CA
ECOS2CP102DX
ECOS2CP102DA
ECOS2CP102EA
ECEC2CP221BL
ECEC2CP221BA
ECEC2CP271BA
ECEC2CP271CL
ECEC2CP331BA
ECEC2CP391BX
ECEC2CP391CA
ECEC2CP391DL
ECEC2CP471BA
ECEC2CP471CA
ECEC2CP561BX
ECEC2CP561BA
ECEC2CP561CX
ECEC2CP561CA
ECEC2CP561EL
ECEC2CP681BX
ECEC2CP681BA
ECEC2CP681CX
ECEC2CP681DA
ECEC2CP821BX
ECEC2CP821BA
ECEC2CP821CA
ECEC2CP821DX
ECEC2CP821DA
ECEC2CP102BX
ECEC2CP102CX
ECEC2CP102CA
ECEC2CP102DX
ECEC2CP102DA
ECEC2CP102EA


Similar Part No. - ECEC1HP332CA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1HP332CJ PANASONIC-ECEC1HP332CJ Datasheet
143Kb / 13P
   Snap-in Type
More results

Similar Description - ECEC1HP332CA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECO-S2HP680CA PANASONIC-ECO-S2HP680CA Datasheet
243Kb / 9P
   Compact size for general purpose and industrial applications
logo
List of Unclassifed Man...
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com