Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD9160 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ISD9160
Description  ISD Cortex-M0 ChipCorder
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD9160 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ISD9160 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD9160 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD9160 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD9160 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD9160 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD9160 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD9160 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD9160 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD9160 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISD9160 Datasheet
Release Date: Oct 29, 2011
- 4 -
Revision V1.20
2
FEATURES
Core
ARM® Cortex™-M0 core runs up to 50MHz.
One 24-bit System tick timer for operating system support.
Supports a variety of low power sleep and power down modes.
Single-cycle 32-bit hardware multiplier.
NVIC (Nested Vector Interrupt Controller) for 32 interrupt inputs, each with 4-levels of priority.
Serial Wire Debug (SWD) support with 2 watchpoints/4 breakpoints.
Power Management
Wide operating voltage range from 2.5V to 5.5V.
Power management Unit (PMU) providing four levels of power control.
Deep Power Down (DPD) mode with sub micro-amp leakage (<1µA).
Wakeup from Deep Power Down via dedicated WAKEUP pin or timed operation from internal
low power 10kHz oscillator.
Standby mode with limited RAM retention and RTC operation (<10µA).
Wakeup from Standby can be from any GPIO interrupt, RTC or BOD.
Sleep mode with minimal dynamic power consumption.
3V LDO for operation of external 3V devices such as serial flash.
Flash EPROM Memory
145K bytes Flash EPROM for program code and data storage.
4KB of flash can be configured as boot sector for ISP loader.
Support In-system program (ISP) and In-circuit program (ICP) application code update
1K byte page erase for flash
Configurable boundary to delineate code and data flash.
Support 2 wire In-circuit Programming (ICP) update from SWD ICE interface
SRAM Memory
12K bytes embedded SRAM.
Clock Control
One high speed and two low speed oscillators providing flexible selection for different
applications. No external components necessary.
Built-in trimmable oscillator with range of 16-50MHz. Factory trimmed within 1% to settings of
49.152MHz and 32.768MHz. User trimmable with in-built frequency measurement block
(OSCFM) using reference clock of 32kHz crystal or external reference source.
Ultra-low power (<1uA) 10kHz oscillator for watchdog and wakeup from power-down or sleep
operation.
External 32kHz crystal input for RTC function and low power system operation.
GPIO
Four I/O modes:
Quasi bi-direction
Push-Pull output
Open-Drain output
Input only with high impendence
TTL/Schmitt trigger input selectable.
I/O pin can be configured as interrupt source with edge/level setting.
Switchable pull-up.
Audio Analog to Digital converter
Sigma Delta ADC with configurable decimation filter and 16 bit output.
80dB Signal-to-Noise (SNR) performance.
Programmable gain amplifier with 32 steps from -12 to 35.25dB in 0.75dB steps.
Boost gain stage of 26dB, giving maximum total gain of 61dB.


Similar Part No. - ISD9160

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD9160 NUVOTON-ISD9160 Datasheet
5Mb / 415P
   ISD9160 Technical Reference Manual
ISD9160CFI NUVOTON-ISD9160CFI Datasheet
5Mb / 415P
   ISD9160 Technical Reference Manual
ISD9160CYI NUVOTON-ISD9160CYI Datasheet
5Mb / 415P
   ISD9160 Technical Reference Manual
More results

Similar Description - ISD9160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD9300 NUVOTON-ISD9300 Datasheet
880Kb / 26P
   ISD Cortex??M0 ChipCorder
logo
List of Unclassifed Man...
ISD9300 ETC2-ISD9300 Datasheet
1Mb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
   ARM짰 Cortex??M0 core
logo
NXP Semiconductors
PN7360AUHN NXP-PN7360AUHN Datasheet
716Kb / 86P
   NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
PN746X NXP-PN746X Datasheet
716Kb / 86P
   NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com