Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4272-DZZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4272-DZZ
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4272-DZZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4272-DZZ Datasheet HTML 4Page - Cirrus Logic CS4272-DZZ Datasheet HTML 5Page - Cirrus Logic CS4272-DZZ Datasheet HTML 6Page - Cirrus Logic CS4272-DZZ Datasheet HTML 7Page - Cirrus Logic CS4272-DZZ Datasheet HTML 8Page - Cirrus Logic CS4272-DZZ Datasheet HTML 9Page - Cirrus Logic CS4272-DZZ Datasheet HTML 10Page - Cirrus Logic CS4272-DZZ Datasheet HTML 11Page - Cirrus Logic CS4272-DZZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
CS4272
8
DS593F1
Pin Name
#
Pin Description
XTO
XTI
1,2
Crystal Connections (Input/Output) - I/O pins for an external crystal which may be used to generate the
master clock. See “Crystal Applications (XTI/XTO)” on page 24 or “Crystal Applications (XTI/XTO)” on
page 27.
MCLK
3
Master Clock (Input/Output) -Clock source for the delta-sigma modulators. See “Crystal Applications
(XTI/XTO)” on page 24 or “Crystal Applications (XTI/XTO)” on page 27.
LRCK
4
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
SCLK
5
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
SDOUT
(M/S)
6
Serial Audio Data Output (Output) - Output for two’s complement serial audio data. This pin must be
pulled-up or pulled-down to select Master or Slave Mode. See “Master/Slave Mode” on page 24.
SDIN
7
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
DGND
8
Digital Ground (Input) - Ground reference for the internal digital section.
VD
9
Digital Power (Input) - Positive power for the internal digital section.
VL
10
Logic Power (Input) - Positive power for the digital input/output interface.
M0
11
Mode Select 0 (Input) - In conjunction with M1, selects operating mode. Functionality is described in the
Hardware Mode Speed Configuration table.
M1
12
Mode Select 1 (Input) - In conjunction with M0, selects operating mode. Functionality is described in the
Hardware Mode Speed Configuration table.
I2S/LJ
13
Serial Audio Interface Select (Input) - Selects either the left-justified or I2S format for the Serial Audio
Interface.
RST
14
Reset (Input) - The device enters a low power mode when this pin is driven low.
VCOM
15
Common Mode Voltage (Output) - Filter connection for internal common mode voltage.
AINA-
AINA+
AINB+
AINB-
16,
17,
18,
19
Differential Analog Input (Input) - The full scale differential input signals are presented to the delta-
sigma modulators. The full scale level is specified in the ADC Analog Characteristics specification table.
VA
20
Analog Power (Input) - Positive power for the internal analog section.
AGND
21
Analog Ground (Input) - Ground reference for the internal analog section.
FILT+
22
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
AMUTEC
23
Channel A Mute Control (Output) - This pin is active during power-up initialization, reset, muting, when
master clock to left/right clock frequency ratio is incorrect, or power-down.
AOUTA-
AOUTA+
AOUTB+
AOUTB-
24,
25,
26,
27
Differential Analog Audio Output (Output) - The full scale differential output level is specified in the
Analog Characteristics specification table.
BMUTEC
28
Channel B Mute Control (Output) - This pin is active during power-up initialization, reset, muting, when
master clock to left/right clock frequency ratio is incorrect, or power-down.


Similar Part No. - CS4272-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CS4272-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com