Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ1H153D Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EETUQ1H153D
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1H153D Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETUQ1H153D Datasheet HTML 1Page - Panasonic Semiconductor EETUQ1H153D Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1H153D Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1H153D Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1H153D Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1H153D Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS-UQ Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
2700
22 x 50
3.71
4.27
0.123
0.080
A
(No suffix)
J
25 x 40
3.71
4.27
0.123
0.080
A
(No suffix)
J
30 x 30
3.71
4.27
0.123
0.080
A
(No suffix)
J
35 x 25
3.71
4.27
0.123
0.080
A
(No suffix)
J
3300
25 x 45
4.06
4.67
0.100
0.065
A
(No suffix)
J
30 x 35
4.06
4.67
0.100
0.065
A
(No suffix)
J
3900
25 x 50
4.54
5.22
0.085
0.055
A
(No suffix)
J
30 x 40
4.54
5.22
0.085
0.055
A
(No suffix)
J
35 x 30
4.54
5.22
0.085
0.055
A
(No suffix)
J
4700
30 x 45
5.13
5.90
0.071
0.046
A
(No suffix)
J
35 x 35
5.13
5.90
0.071
0.046
A
(No suffix)
J
5600
30 x 50
5.75
6.61
0.059
0.041
A
(No suffix)
J
35 x 40
5.75
6.61
0.059
0.038
A
(No suffix)
J
6800
35 x 45
6.60
7.59
0.049
0.034
A
(No suffix)
J
8200
35 x 50
7.29
8.38
0.040
0.030
A
(No suffix)
J
560
22 x 25
2.25
3.15
0.355
0.160
A
(No suffix)
J
680
22 x 30
2.50
3.50
0.293
0.132
A
(No suffix)
J
820
22 x 35
2.75
3.85
0.243
0.109
A
(No suffix)
J
1000
22 x 40
3.00
4.20
0.199
0.090
A
(No suffix)
J
25 x 30
3.00
4.20
0.199
0.090
A
(No suffix)
J
1200
22 x 45
3.25
4.55
0.166
0.075
A
(No suffix)
J
25 x 35
3.25
4.55
0.166
0.075
A
(No suffix)
J
30 x 25
3.25
4.55
0.166
0.075
A
(No suffix)
J
1500
22 x 50
3.73
5.22
0.133
0.060
A
(No suffix)
J
25 x 40
3.73
5.22
0.133
0.060
A
(No suffix)
J
30 x 30
3.73
5.22
0.133
0.060
A
(No suffix)
J
35 x 25
3.73
5.22
0.133
0.060
A
(No suffix)
J
1800
25 x 45
4.20
5.88
0.111
0.050
A
(No suffix)
J
30 x 35
4.20
5.88
0.120
0.060
A
(No suffix)
J
35 x 30
4.20
5.88
0.111
0.050
A
(No suffix)
J
2200
30 x 40
4.78
6.69
0.090
0.041
A
(No suffix)
J
35 x 35
4.78
6.69
0.098
0.049
A
(No suffix)
J
2700
30 x 45
5.45
7.63
0.074
0.033
A
(No suffix)
J
35 x 40
5.45
7.63
0.080
0.040
A
(No suffix)
J
3300
35 x 45
5.75
8.05
0.070
0.035
A
(No suffix)
J
3900
35 x 50
6.00
8.40
0.055
0.028
A
(No suffix)
J
390
22 x 25
1.68
2.35
0.510
0.230
A
(No suffix)
J
470
22 x 30
1.85
2.59
0.423
0.190
A
(No suffix)
J
560
22 x 30
2.43
3.40
0.355
0.160
A
(No suffix)
J
25 x 25
2.43
3.40
0.355
0.160
A
(No suffix)
J
680
22 x 35
2.68
3.75
0.293
0.132
A
(No suffix)
J
25 x 30
2.68
3.75
0.293
0.132
A
(No suffix)
J
820
22 x 40
2.93
4.10
0.243
0.109
A
(No suffix)
J
25 x 30
2.93
4.10
0.243
0.109
A
(No suffix)
J
30 x 25
2.93
4.10
0.243
0.109
A
(No suffix)
J
1000
22 x 45
3.25
4.55
0.199
0.090
A
(No suffix)
J
25 x 35
3.25
4.55
0.199
0.090
A
(No suffix)
J
30 x 30
3.25
4.55
0.199
0.090
A
(No suffix)
J
35 x 25
3.25
4.55
0.232
0.116
A
(No suffix)
J
1200
22 x 50
3.50
4.90
0.166
0.075
A
(No suffix)
J
25 x 40
3.50
4.90
0.166
0.075
A
(No suffix)
J
30 x 30
3.50
4.90
0.166
0.075
A
(No suffix)
J
1500
25 x 50
3.87
5.42
0.133
0.060
A
(No suffix)
J
30 x 35
3.87
5.42
0.144
0.065
A
(No suffix)
J
35 x 30
3.87
5.42
0.144
0.065
A
(No suffix)
J
1800
30 x 45
4.32
6.05
0.120
0.060
A
(No suffix)
J
35 x 35
4.32
6.05
0.120
0.060
A
(No suffix)
J
2200
30 x 50
4.92
6.89
0.098
0.049
A
(No suffix)
J
35 x 40
4.92
6.89
0.105
0.053
A
(No suffix)
J
2700
35 x 50
5.45
7.63
0.086
0.043
A
(No suffix)
J
EETUQ2D152E_
EETUQ2D182D_
EETUQ2D182E_
EETUQ2D222D_
EETUQ2D122C_
EETUQ2D122D_
EETUQ2D152C_
EETUQ2D152D_
EETUQ2D272E_
EETUQ2D821B_
EETUQ2D821C_
EETUQ2D222E_
EETUQ2D821D_
EETUQ2D102B_
EETUQ2D102C_
EETUQ2D102D_
EETUQ2D102E_
EETUQ2D122B_
EETUQ2D561B_
EETUQ2D561C_
EETUQ2D681B_
EETUQ2D681C_
EETUQ2D391B_
EETUQ2D471B_
EETUQ2C272D_
EETUQ2C272E_
EETUQ2C332E_
EETUQ2C392E_
EETUQ2C182E_
EETUQ2C222D_
EETUQ2C222E_
200 VDC Working, 250 VDC Surge
EETUQ2C152D_
EETUQ2C152E_
EETUQ2C182C_
EETUQ2C182D_
EETUQ2C122C_
EETUQ2C122D_
EETUQ2C152B_
EETUQ2C152C_
EETUQ2A562E_
EETUQ2A682E_
160 VDC Working, 200 VDC Surge
EETUQ2C561B_
EETUQ2C681B_
EETUQ2C821B_
EETUQ2C102B_
EETUQ2C102C_
EETUQ2C122B_
EETUQ2A272E_
EETUQ2A822E_
EETUQ2A332C_
EETUQ2A332D_
EETUQ2A392C_
EETUQ2A392D_
EETUQ2A392E_
EETUQ2A472D_
EETUQ2A472E_
EETUQ2A562D_
EETUQ2A272B_
EETUQ2A272C_
EETUQ2A272D_
Part Number
100 VDC Working, 125 VDC Surge (continued)
D x L
PVC with Top
Plate
PVC without
Top Plate
PET without
Top Plate
Size (mm)
Part Number Suffix Sleeving Options
Max 85°C R.C. (Arms)
20°C ESR (Ω, max.)
Panasonic
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - EETUQ1H153D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1H153KJ PANASONIC-EETUQ1H153KJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
EETUQ1H153KJ PANASONIC-EETUQ1H153KJ Datasheet
472Kb / 11P
   Snap-in Type
EETUQ1H153LJ PANASONIC-EETUQ1H153LJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
EETUQ1H153LJ PANASONIC-EETUQ1H153LJ Datasheet
472Kb / 11P
   Snap-in Type
More results

Similar Description - EETUQ1H153D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com