Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM428S-3R9-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM428S-3R9-RC
Description  PM428S Series - Shielded SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM428S-3R9-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM428S-3R9-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM428S-3R9-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
120 - 150 seconds
60 - 90
seconds
260°C peak
190°C
150°C
220°C
Ramp Down
6°C/second
maximum
<1> 255°C
<1> Maximum of 10 seconds between
+255°C and +260°C
Ramp Up
3°C/second maximum
10 seconds minimum
Rev. 02/22/05
5.30
(.209)
2.00
(.079)
REF.
1.50
(.059)
REF.
2.00
(.079)
REF.
1.80
(.071)
REF.
REF.
R
6R8
4.80 ± 0.20
(.189 ± .008)
4.80 ± 0.20
(.189 ± .008)
1.60
(.063)
TYP.
1.60
(.063)
TYP.
1.60
(.063)
TYP.
2.80 ± 0.20
(.110 ± .008)
Features
Formerly
model
Height of 3.0 mm max.
Current rating up to 3.1 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
PM428S Series - Shielded SMD Power Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Voltage .................... 0.1 V, 100 KHz
Reflow Soldering ....230 ˚C; 50 sec max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Resistance to Soldering Heat
............................... 260 °C for 10 sec.
Materials
Core Material ................................Ferrite
Wire ........................... Enameled Copper
Adhesive.............................Epoxy Resin
Terminal ....................................Ag/Ni/Sn
Rated Current .......Ind. drop of 35 % typ.
at Isat
Temperature Rise ....... 30 ˚C typ. at Irms
Packaging.................. 2000 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance 100 kHz
Test
SRF
DCR
Q
Frequency
Typ.
Max.
Irms
Isat
Bourns Part No.
(µH)
Tol. %
Ref.
(MHz)
(MHz)
(m
Ω)
(A)
(A)
PM428S-1R2-RC
1.2
±30
9.34
7.96
176
20
3.10
2.56
PM428S-1R8-RC
1.8
±30
9.18
7.96
146
25
2.70
2.20
PM428S-2R2-RC
2.2
±30
9.24
7.96
111
28
2.50
2.05
PM428S-2R7-RC
2.7
±30
8.64
7.96
92
30
2.35
1.80
PM428S-3R3-RC
3.3
±30
7.72
7.96
76
35
2.15
1.65
PM428S-3R9-RC
3.9
±30
8.58
7.96
56
60
1.72
1.50
PM428S-4R7-RC
4.7
±30
8.12
7.96
55
70
1.55
1.30
PM428S-5R6-RC
5.6
±30
9.56
7.96
69
85
1.38
1.20
PM428S-6R8-RC
6.8
±30
9.624
7.96
77
90
1.30
1.15
PM428S-8R2-RC
8.2
±30
8.24
7.96
45
100
1.25
1.05
PM428S-100-RC
10
±30
11.26
2.52
34
110
1.19
1.00
PM428S-120-RC
12
±30
11.26
2.52
25
125
1.12
0.85
PM428S-150-RC
15
±30
9.66
2.52
27
150
1.03
0.78
PM428S-180-RC
18
±30
11.64
2.52
25
160
0.98
0.75
PM428S-220-RC
22
±30
8.26
2.52
23
185
0.93
0.72
PM428S-270-RC
27
±30
10.76
2.52
18
200
0.89
0.60
PM428S-330-RC
33
±30
9.7
2.52
16
230
0.82
0.58
PM428S-390-RC
39
±30
9.74
2.52
14
250
0.80
0.50
PM428S-470-RC
47
±30
10.88
2.52
13
280
0.75
0.48
PM428S-560-RC
56
±30
9
2.52
13
320
0.70
0.41
PM428S-680-RC
68
±30
8.42
2.52
11
400
0.63
0.36
PM428S-820-RC
82
±30
8.6
2.52
8
520
0.56
0.32
PM428S-101-RC
100
±30
8.78
0.796
9
600
0.51
0.30
PM428S-121-RC
120
±30
13.32
0.796
8
700
0.47
0.28
PM428S-151-RC
150
±30
11.72
0.796
6
860
0.42
0.26
PM428S-181-RC
180
±30
13.86
0.796
7
1000
0.39
0.23
Soldering Profile


Similar Part No. - PM428S-3R9-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
   Shielded SMD Power Inductor
More results

Similar Description - PM428S-3R9-RC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com