Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1652DR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1652DR2G
Description  High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1652DR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1652DR2G Datasheet HTML 5Page - ON Semiconductor NCP1652DR2G Datasheet HTML 6Page - ON Semiconductor NCP1652DR2G Datasheet HTML 7Page - ON Semiconductor NCP1652DR2G Datasheet HTML 8Page - ON Semiconductor NCP1652DR2G Datasheet HTML 9Page - ON Semiconductor NCP1652DR2G Datasheet HTML 10Page - ON Semiconductor NCP1652DR2G Datasheet HTML 11Page - ON Semiconductor NCP1652DR2G Datasheet HTML 12Page - ON Semiconductor NCP1652DR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
NCP1652, NCP1652A
http://onsemi.com
9
ELECTRICAL CHARACTERISTICS (VCC = 15 V, VAC IN = 3.8 V, VFB = 2.0 V, VFF = 2.4 V, VLatch = open, VISPOS = −100 mV,
COUTA = 1 nF, CT = 470 pF, CIAVG = 0.27 nF, CLatch = 0.1 nF, CM = 10 nF, RIAVG = 76.8 kW, Rdelay = 49.9 kW,
COUTB = 330 pF, RRC = 43 kW, For typical Value TJ = 25°C, for min/max values TJ = −40°C to 125°C, unless otherwise noted)
Parameter
Unit
Max
Typ
Min
Symbol
Test Condition
STARTUP AND SUPPLY CIRCUITS
Inhibit Bias Current
VHV = 40 V, VCC = 0.8 * Vinhibit
Iinhibit
40
-
500
mA
Minimum Startup Voltage
Istart = 0.5 mA, VCC = VCC(on) – 0.5 V
Vstart(min)
40
V
Startup Current
VCC = VCC(on) – 0.5 V, VFB = Open
Istart
3.0
5.62
8.0
mA
Off−State Leakage Current
VHV = 400 V, TJ = 25°C
TJ = −40°C to 125°C
IHV(off)
17
15
40
80
mA
Supply Current
Device Disabled (Overload)
Device Switching
VFB = Open
fOSC [ 100 kHz
ICC1
ICC2
0.72
6.25
1.2
7.2
mA
FAULT PROTECTION
Overload Timer
tOVLD
120
162
360
ms
Overload Detect Threshold
VOVLD
4.7
4.9
5.2
V
Brown−Out Detect Threshold (entering
fault mode)
VFF Decreasing, VFB = 2.5 V,
VAC IN = 2.0 V
VBO(low)
0.41
0.45
0.49
V
Brown−Out Exit Threshold (exiting
fault mode)
VFF Increasing, VFB = 2.5 V,
VAC IN = 2.0 V
VBO(high)
0.57
0.63
0.69
V
Brown−Out Hysteresis
VBO(HYS)
174
mV
LATCH INPUT
Pull−Down Latch Voltage Threshold
VLatch Decreasing
Vlatch(low)
0.9
0.98
1.1
V
Pull−Up Latch Voltage Threshold
VLatch Increasing
Vlatch(high)
5.6
7.0
8.4
V
Latch Propagation Delay
VLatch = Vlatch(high)
tlatch(delay)
30
56
90
ms
Latch Clamp Current (Going Out)
VLatch = 1.5 V
Ilatch(clamp)
42
51
58
mA
Latch Clamp Voltage (ILatch Going In)
ILatch = 50 mA
Vlatch(clamp)
2.5
3.27
4.5
V
Latch−Off Current Shutdown
(Going In)
VLatch Increasing
Ilatch(shdn)
95
mA
3. Guaranteed by Design


Similar Part No. - NCP1652DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1652 ONSEMI-NCP1652 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1652 ONSEMI-NCP1652 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652A ONSEMI-NCP1652A Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
More results

Similar Description - NCP1652DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
NCP1615 ONSEMI-NCP1615_16 Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1651 ONSEMI-NCP1651 Datasheet
57Kb / 8P
   Single Stage Power Factor Controller
December, 2004 ??Rev. 5
logo
Bellnix Co.,Ltd.
BPF BELLNIX-BPF Datasheet
666Kb / 10P
   Compact and high efficiency power factor correction unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com