Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1Z0261-3 Datasheet(PDF) 1 Page - Anaren Microwave

Part # 1Z0261-3
Description  Hybrid Couplers High Power 3 dB, 90
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

1Z0261-3 Datasheet(HTML) 1 Page - Anaren Microwave

  1Z0261-3_14 Datasheet HTML 1Page - Anaren Microwave 1Z0261-3_14 Datasheet HTML 2Page - Anaren Microwave 1Z0261-3_14 Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model 1Z0261-3
Hybrid Couplers
High Power 3 dB, 90
o
Outline Drawing
Applications_____________
Microstrip Circuits
Power Amps
Dividers/Combiners
Switch Networks
Balanced Detectors
Antenna Feeds
Features________________
0.088 – 0.108 GHz
2 – Way power Split
Welded Tab mount
Reliable Performance
Handles 400 Watts
Meets MIL-E-5400 Class 3 Requirements
NOTES: Anaren Power rating applies when solder tab/coupler interface has been
conformally coated.
Electrical and Mechanical Specifications subject to change without notice.


Similar Part No. - 1Z0261-3_14

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1Z0261-3 ANAREN-1Z0261-3 Datasheet
184Kb / 1P
   Hybrid Couplers
More results

Similar Description - 1Z0261-3_14

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1A0230-3 ANAREN-1A0230-3_14 Datasheet
302Kb / 3P
   Hybrid Couplers 3 dB, 90
1B0024-3 ANAREN-1B0024-3_14 Datasheet
175Kb / 4P
   Hybrid Couplers 3 dB, 90
1R0263-3 ANAREN-1R0263-3_14 Datasheet
289Kb / 3P
   Hybrid Couplers 3 dB, 90
10011-3 ANAREN-10011-3 Datasheet
162Kb / 4P
   Hybrid Couplers 3 dB, 90
10016-3 ANAREN-10016-3_14 Datasheet
159Kb / 4P
   Hybrid Couplers 3 dB, 90
11306-3S ANAREN-11306-3S Datasheet
352Kb / 2P
   Hybrid Couplers 3 dB, 90
10013-3 ANAREN-10013-3_14 Datasheet
176Kb / 4P
   Hybrid Couplers 3 dB, 90
10012-3 ANAREN-10012-3_14 Datasheet
142Kb / 4P
   Hybrid Couplers 3 dB, 90
1B0220-3 ANAREN-1B0220-3_14 Datasheet
134Kb / 3P
   Hybrid Couplers 3 dB, 90
logo
List of Unclassifed Man...
1F1304-3S ETC2-1F1304-3S Datasheet
172Kb / 2P
   Hybrid Couplers 3 dB, 90
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com