Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZCF1MK390 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERZCF1MK390
Description  Large withstanding surge current capability in compact size
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZCF1MK390 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERZCF1MK390 Datasheet HTML 1Page - Panasonic Semiconductor ERZCF1MK390 Datasheet HTML 2Page - Panasonic Semiconductor ERZCF1MK390 Datasheet HTML 3Page - Panasonic Semiconductor ERZCF1MK390 Datasheet HTML 4Page - Panasonic Semiconductor ERZCF1MK390 Datasheet HTML 5Page - Panasonic Semiconductor ERZCF1MK390 Datasheet HTML 6Page - Panasonic Semiconductor ERZCF1MK390 Datasheet HTML 7Page - Panasonic Semiconductor ERZCF1MK390 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ÒZNRâÓ Surge Absorbers, SMD Mold
Packaging Style Code: Ò1Ó for bulk, Ò2Ó for embossed taping
Packaging Style Code: Ò1Ó for bulk, Ò2Ó for embossed taping
n Ratings and Characteristics
l Operating Temperature Range: Ð40 to 85 ¡C
l Storage Temperature Range: Ð40 to 125 ¡C
l Temperature Coefficient of Varistor Voltage: 0 to Ð0.05 %/¡C
V1mA (V)
ACrms (V) DC (V)
VxA (V)
Ip (A)
(W)
(W)
(A)
*ERZVF1M220
22( 20~ 24)
14
18
43
2.5
0.01
10.5
125
*ERZVF1M270
27( 24~ 30)
17
22
53
2.5
0.01
10.7
125
*ERZVF1M330
33( 30~ 36)
20
26
65
2.5
0.01
10.8
125
*ERZVF1M390
39( 35~ 43)
25
31
77
2.5
0.01
10.9
125
*ERZVF1M470
47( 42~ 52)
30
38
93
2.5
0.01
11.1
125
*ERZVF1M560
56( 50~ 62)
35
45
110
2.5
0.01
11.3
125
*ERZVF1M680
68( 61~ 75)
40
56
135
2.5
0.01
11.6
125
*ERZVF1M820
82( 74~ 90)
50
65
135
1011
0.1112.5
600
*ERZVF1M101 100( 90~110)
60
85
165
1011
0.1113.0
600
*ERZVF1M121 120(108~132)
75
100
200
1011
0.1113.5
600
*ERZVF1M151 150(135~165)
95
125
250
1011
0.1114.5
600
*ERZVF1M201 200(185~225)
130
170
340
1011
0.1116.0
600
*ERZVF1M221 220(198~242)
140
180
360
1011
0.1116.5
600
*ERZVF1M241 240(216~264)
150
200
395
1011
0.1117.5
600
*ERZVF1M271 270(247~303)
175
225
455
1011
0.1118.0
600
*ERZVF1M331 330(297~363)
210
270
545
1011
0.1118.0
300
*ERZVF1M361 360(324~396)
230
300
595
1011
0.1119.0
300
*ERZVF1M391 390(351~429)
250
320
650
1011
0.1119.0
300
*ERZVF1M431 430(387~473)
275
350
710
1011
0.11
10.0
300
*ERZVF1M471 470(423~517)
300
385
775
1011
0.11
10.0
300
V1mA (V)
ACrms (V) DC (V)
VxA (V)
Ip (A)
(W)
(W)
(A)
ERZVF
1T820 182( 74~ 90)
11
50
65
145
5
0.1
1.7
400
ERZVF
1T101 100( 90~110)
11
60
85
175
5
0.1
2.0
400
ERZVF
1T151 150(135~165)
11
95
125
260
5
0.1
3.0
400
ERZVF
1T241 240(216~264)
150
200
415
5
0.1
5.0
400
ERZVF
1T271 270(247~303)
175
225
475
5
0.1
6.0
400
Varistor
Maximum
Clamping
Rated
Maximum
Maximum
Part No.
Voltage
Allowable
Voltage at Ip
Power
Energy
Peak Current
Voltage
(max.)
(2 ms)
(8/20 µs, 2 times)
Varistor
Maximum
Clamping
Rated
Maximum
Maximum
Part No.
Voltage
Allowable
Voltage at Ip
Power
Energy
Peak Current
Voltage
(max.)
(2 ms)
(8/20 µs, 2 times)


Similar Part No. - ERZCF1MK390

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZC20EK102 PANASONIC-ERZC20EK102 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK102Y PANASONIC-ERZC20EK102Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK112 PANASONIC-ERZC20EK112 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK112Y PANASONIC-ERZC20EK112Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK201 PANASONIC-ERZC20EK201 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
More results

Similar Description - ERZCF1MK390

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
   High Surge Current Capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
   High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
   High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
   High surge current capability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
   High surge current capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com