Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM285D-2-5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM285D-2-5
Description  MICROPOWER VOLTAGE REFERENCES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM285D-2-5 Datasheet(HTML) 4 Page - Texas Instruments

  LM285D-2-5 Datasheet HTML 1Page - Texas Instruments LM285D-2-5 Datasheet HTML 2Page - Texas Instruments LM285D-2-5 Datasheet HTML 3Page - Texas Instruments LM285D-2-5 Datasheet HTML 4Page - Texas Instruments LM285D-2-5 Datasheet HTML 5Page - Texas Instruments LM285D-2-5 Datasheet HTML 6Page - Texas Instruments LM285D-2-5 Datasheet HTML 7Page - Texas Instruments LM285D-2-5 Datasheet HTML 8Page - Texas Instruments LM285D-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM2852.5, LM3852.5, LM385B2.5
MICROPOWER VOLTAGE REFERENCES
SLVS023J − JANUARY 1989 − REVISED MARCH 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
1
0.1
0
0.5
1
1.5
10
REVERSE CURRENT
vs
REVERSE VOLTAGE
100
2.5
3
2
VR − Reverse Voltage − V
TA = −55°C to 125°C
12
4
0
− 4
8
0.01
0.1
1
10
100
16
REFERENCE VOLTAGE CHANGE
vs
REVERSE CURRENT
IR − Reverse Current − mA
TA = −55°C to 125°C
Figure 2
0.8
0.4
0
1.2
0.01
0.1
1
10
100
1.6
FORWARD VOLTAGE
vs
FORWARD CURRENT
IF − Forward Current − mA
TA = 25°C
0.6
0.2
1
1.4
Figure 3
2.495
2.48
− 55 − 35 − 15
5
2.505
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
2.525
45
65
25
TA − Free-Air Temperature − °C
2.485
2.49
2.5
2.51
2.515
2.52
IZ = 20 µA to 20 mA
105 125
85
Figure 4
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - LM285D-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285D-2-5 TI-LM285D-2-5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285D-2-5 TI-LM285D-2-5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285D-2-5 TI1-LM285D-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285D-2-5 TI1-LM285D-2-5 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Similar Description - LM285D-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com