Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZCF1MK431 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ERZCF1MK431
Description  Large withstanding surge current capability in compact size
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZCF1MK431 Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ERZCF1MK431 Datasheet HTML 1Page - Panasonic Semiconductor ERZCF1MK431 Datasheet HTML 2Page - Panasonic Semiconductor ERZCF1MK431 Datasheet HTML 3Page - Panasonic Semiconductor ERZCF1MK431 Datasheet HTML 4Page - Panasonic Semiconductor ERZCF1MK431 Datasheet HTML 5Page - Panasonic Semiconductor ERZCF1MK431 Datasheet HTML 6Page - Panasonic Semiconductor ERZCF1MK431 Datasheet HTML 7Page - Panasonic Semiconductor ERZCF1MK431 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ÒZNRâÓ Surge Absorbers, SMD Mold
n Performance Characteristics
Specifications
ÑÑ
To meet the
specified value.
0 to Ð0.05 %/¡C
ÆVCmA/VCmA < ±10 %
ÆVCmA/VCmA < ±10 %
Characteristics
Standard Test
Condition
Varistor Voltage
Maximum Allowable
Voltage
Clamping Voltage
Rated Power
Maximum Energy
Maximum
Peak Current
Temperature Coefficient
of Varistor Voltage
Impulse Life (I)
Impulse Life (II)
Test Methods
Electrical measurements (initial/after tests) shall be conducted at
temperature of 5 to 35 ¡C, relative humidity of maximum 85 %
The voltage between two terminals with the specified measuring
current CmA DC applied is called Vc or VCmA. The measurement
shall be made as fast as possible to avoid heat affection.
The recommended maximum sinusoidal wave voltage (rms) or
the maximum DC voltage that can be applied continuously.
The maximum voltage between two terminals with the specified
impulse current (8/20 µs).
The maximum power that can be applied within the specified
ambient temperature.
Maximum energy at less than ±10 % of varistor voltage change
when the standard impulse (2 ms) is applied one time.
Maximum current at less than ±10 % of varistor voltage change
when impulse current (8/20 µs) is applied two times continuously
with the interval of 5 minutes.
VCmA at 85 ¡C Ð VCmA at 25 ¡C
´
1
´ 100(%/¡C)
VCmA at 25 ¡C
60
The change of Vc shall be measured after the specified impulse
is applied 10000 times continuously with the interval of 10
seconds at room temperature.
The change of Vc shall be measured after the specified impulse
is applied 100000 times continuously with the interval of 10
seconds at room temperature.
Type
Part Number
Waveform
Current
ERZVF
1M220 to ERZVF1M680
8/20 µs
8 A
VF1M ERZVF1M820 to ERZVF1M271
8/20 µs
40 A
ERZVF
1M331 to ERZVF1M471
8/20 µs
30 A
VF1T1 ERZVF1T820 to ERZVF1T271
8/20 µs
20 A
CF
ERZCF
1MK220 to ERZCF 1MK680
2 ms
0.5 A
ERZCF
1MK820 to ERZCF 1MK471 8/20 µs
20 A
ERZSF
1MK220 to ERZSF 1MK680 8/20 µs
18 A
SF
ERZSF
1MK820 to ERZSF 1MK271 8/20 µs
50 A
ERZSF
1MK331 to ERZSF 1MK471 8/20 µs
40 A
Type
Part Number
Waveform
Current
ERZVF
1M220 to ERZVF1M680
8/20 µs
5 A
VF1M ERZVF1M820 to ERZVF1M271
8/20 µs
25 A
ERZVF
1M331 to ERZVF1M471
8/20 µs
20 A
VF1T1 ERZVF1T820 to ERZVF1T271
8/20 µs
14 A
CF
ERZCF
1MK220 to ERZCF 1MK680
2 ms
0.45 A
ERZCF
1MK820 to ERZCF 1MK471 8/20 µs
14 A
ERZSF
1MK220 to ERZSF 1MK680 8/20 µs
12 A
SF
ERZSF
1MK820 to ERZSF 1MK271 8/20 µs
35 A
ERZSF
1MK331 to ERZSF 1MK471 8/20 µs
28 A


Similar Part No. - ERZCF1MK431

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZC20EK102 PANASONIC-ERZC20EK102 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK102Y PANASONIC-ERZC20EK102Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK112 PANASONIC-ERZC20EK112 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK112Y PANASONIC-ERZC20EK112Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZC20EK201 PANASONIC-ERZC20EK201 Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
More results

Similar Description - ERZCF1MK431

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
   High Surge Current Capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
   High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
   High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
   High surge current capability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
   High surge current capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com