Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM802141 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SM802141
Description  Ultra-Low Jitter, LVPECL Frequency
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802141 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SM802141 Datasheet HTML 1Page - Micrel Semiconductor SM802141 Datasheet HTML 2Page - Micrel Semiconductor SM802141 Datasheet HTML 3Page - Micrel Semiconductor SM802141 Datasheet HTML 4Page - Micrel Semiconductor SM802141 Datasheet HTML 5Page - Micrel Semiconductor SM802141 Datasheet HTML 6Page - Micrel Semiconductor SM802141 Datasheet HTML 7Page - Micrel Semiconductor SM802141 Datasheet HTML 8Page - Micrel Semiconductor SM802141 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
SM802141
April 2012
4
M9999-041812-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VDD, VDDO1/2)......................................+4.6V
Input Voltage (VIN).............................. 0.50V to VDD + 0.5V
Lead Temperature (soldering, 20s)............................ 260°C
Case Temperature ..................................................... 115°C
Storage Temperature (Ts) ......................... 65C to 150°C
Operating Ratings
(2)
Supply Voltage (VDD, VDDO1/2)............... +2.375V to +3.465V
Ambient Temperature (TA).......................... –40°C to +85°C
Junction Thermal Resistance
(3)
QFN (
JA)
Still-Air......................................................... 50°C/W
QFN (
JB)
Junction-to-Board ....................................... 30°C/W
DC Electrical Characteristics
(4)
VDD = VDDO1, 2 = 3.3V 5% or 2.5V 5%
VDD = 3.3V 5% & VDDO1,2 = 3.3V 5% or 2.5V 5%
TA = 40C to 85C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD, VDDO1/2
2.5V Operating Voltage
2.375
2.5
2.625
V
VDD, VDDO1/2
3.3V Operating Voltage
3.135
3.3
3.465
V
62.5MHz; 1 output enabled
80
125MHz; 1 output enabled
86
156.25MHz; 1 output enabled
88
IDD XTAL
Supply Current VDD + VDDO
XTAL_SEL = 1
Outputs Open
312.5MHz; 1 output enabled
97
125
mA
LVPECL OUTPUT DC Electrical Characteristics
(4)
VDD = VDDO1, 2 = 3.3V 5% or 2.5V 5%
VDD = 3.3V 5% & VDDO1, 2 = 3.3V 5% or 2.5V 5%,
TA = 40C to 85C, RL = 50Ω to VDDO  2V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOH
Output High Voltage
VDDO – 1.145
VDDO – 0.97
VDDO – 0.845
V
VOL
Output Low Voltage
VDDO – 1.945
VDDO – 1.77
VDDO – 1.645
V
VSWING
Output Voltage Swing
0.6
0.8
1.0
V
Notes:
1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3.
Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
4.
The circuit is designed to meet the AC and DC specifications shown in the above table(s) after thermal equilibrium has been established.


Similar Part No. - SM802141

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802149 MICREL-SM802149 Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
SM802149UMG MICREL-SM802149UMG Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
SM802149UMGR MICREL-SM802149UMGR Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
More results

Similar Description - SM802141

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX555ABA50M0000 MICREL-MX555ABA50M0000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 50MHz LVPECL XO
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com