Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S560J29SL0N6.J5 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # S560J29SL0N6.J5
Description  Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S560J29SL0N6.J5 Datasheet(HTML) 5 Page - Vishay Siliconix

  S560J29SL0N6.J5 Datasheet HTML 1Page - Vishay Siliconix S560J29SL0N6.J5 Datasheet HTML 2Page - Vishay Siliconix S560J29SL0N6.J5 Datasheet HTML 3Page - Vishay Siliconix S560J29SL0N6.J5 Datasheet HTML 4Page - Vishay Siliconix S560J29SL0N6.J5 Datasheet HTML 5Page - Vishay Siliconix S560J29SL0N6.J5 Datasheet HTML 6Page - Vishay Siliconix S560J29SL0N6.J5 Datasheet HTML 7Page - Vishay Siliconix S560J29SL0N6.J5 Datasheet HTML 8Page - Vishay Siliconix S560J29SL0N6.J5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 28515
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
57
S Series
Ceramic Disc Capacitors Class 1 and 2,
1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Vishay BCcomponents
Notes
(1) SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Z5U
1000
± 20
7.5
5.0
4.0
S102M29Z5UP6.K5.
1500
S152M29Z5UP6.K5.
2200
8.5
S222M33Z5UP6.K5.
3300
11
S332M43Z5UP6.K5.
4700
12
7.5
4.8
S472M47Z5UP63K7.
6800
13.5
S682M53Z5UP63K7.
10 000
17.5
S103M69Z5UP63K7.
CLASS 2 Y5V
1000
+ 80/- 20
7.5
5.0
4.0
S102Z29Y5VP6.K5.
1500
S152Z29Y5VP6.K5.
2200
8.5
S222Z33Y5VP6.K5.
3300
10.5
S322Z39Y5VP6.K5.
4700
11
S472Z43Y5VP6.K5.
6800
12
7.5
4.8
S682Z47Y5VP6.K7.
10 000
15
S103Z59Y5VP6.K7.
CLASS 2 X5F
1 00
± 10
6.5
5.0
4.0
S101K25X5FP6.K5R
220
S221K25X5FP6.K5R
330
7.5
S331K29X5FP6.K5R
470
8
S471K31X5FP6.K5R
680
10
S681K39X5FP6.K5R
1000
11
S102K43X5FP6.K5R
2200
15
7.5
4.8
S222K59X5FP6.K7R
3300
16.5
S332K65X5FP63K7R
ORDERING INFORMATION 2 kVDC, KINKED
ORDERING INFORMATION CLASS 3 kVDC, KINKED
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 1 SL
10
± 10
8.5
7.5
4.0
S100K33SL0R63K7.
15
S150K33SL0R63K7.
22
S220K33SL0R63K7.
33
S330K33SL0R63K7.
47
S470K33SL0R63K7.
68
10
S680K39SL0R63K7.
CLASS 2 X7R
100
± 10
8.5
7.5
4.0
S101K33X7RR63K7.
150
S151K33X7RR63K7.
220
S221K33X7RR63K7.
330
S331K33X7RR63K7.
470
S471K33X7RR63K7.
680
10
S681K39X7RR63K7.
1000
11
S102K43X7RR63K7.
1500
13.5
4.8
S152K53X7RR63K7.
2200
17.5
S222K59X7RR83K7.


Similar Part No. - S560J29SL0N6.J5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S560J29SL0N6.J5. VISHAY-S560J29SL0N6.J5. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results

Similar Description - S560J29SL0N6.J5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com