Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S101K25Y5PN6.J5 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # S101K25Y5PN6.J5
Description  Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S101K25Y5PN6.J5 Datasheet(HTML) 6 Page - Vishay Siliconix

  S101K25Y5PN6.J5 Datasheet HTML 1Page - Vishay Siliconix S101K25Y5PN6.J5 Datasheet HTML 2Page - Vishay Siliconix S101K25Y5PN6.J5 Datasheet HTML 3Page - Vishay Siliconix S101K25Y5PN6.J5 Datasheet HTML 4Page - Vishay Siliconix S101K25Y5PN6.J5 Datasheet HTML 5Page - Vishay Siliconix S101K25Y5PN6.J5 Datasheet HTML 6Page - Vishay Siliconix S101K25Y5PN6.J5 Datasheet HTML 7Page - Vishay Siliconix S101K25Y5PN6.J5 Datasheet HTML 8Page - Vishay Siliconix S101K25Y5PN6.J5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28515
58
Revision: 07-Jan-10
S Series
Vishay BCcomponents
Ceramic Disc Capacitors Class 1 and 2,
1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Notes
(1)
SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Y5P
100
± 10
8.5
7.5
4.0
S101K33Y5PR63K7.
150
S151K33Y5PR63K7.
220
S221K33Y5PR63K7.
330
S331K33Y5PR63K7.
470
S471K33Y5PR63K7.
680
10
S681K39Y5PR63K7.
1000
11
S102K43Y5PR63K7.
1500
12
4.8
S152K47Y5PR63K7.
2200
15
S222K59Y5PR63K7.
3 300
19
10
S332K75Y5PR83K0.
CLASS 2 Z5U
470
± 20
8.5
7.5
4.0
S471M33Z5UR63K7.
680
S681M33Z5UR63K7.
1000
S102M33Z5UR63K7.
1500
10
S152M39Z5UR63K7.
2200
11
S222M43Z5UR63K7.
3300
13.5
4.8
S332M53Z5UR63K7.
4700
17.5
S472M69Z5UR83K7.
CLASS 2 Y5V
1000
+ 80/- 20
8.5
7.5
4.0
S102Z33Y5VR63K7.
1500
S152Z33Y5VR63K7.
2200
10
S222Z39Y5VR63K7.
3300
11
S322Z43Y5VR63K7.
4700
12
4.8
S472Z47Y5VR63K7.
6800
15
S682Z59Y5VR63K7.
ORDERING INFORMATION CLASS 3 kVDC, KINKED
ORDERING INFORMATION CLASS 6 kVDC, KINKED
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 1 SL
10
± 20
10
10
3.0
S100M39SL0U83L0.
15
S150M43SL0U83L0.
22
S220M43SL0U83L0.
33
13.5
S330M53SL0U83L0.
CLASS 1 S3N
47
± 20
11
10
3.0
S470M43S3NU83L0.
68
13.5
S680M53S3NU83L0.
100
15
S101M59S3NU83L0.
150
15
S151M59S3NU83L0.
CLASS 2 Z5U
220
± 20
10
10
3.0
S221M39Z5UU83L0.
330
11
S331M43Z5UU83L0.
470
12
S471M47Z5UU83L0.


Similar Part No. - S101K25Y5PN6.J5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S101K25Y5PN6.J5. VISHAY-S101K25Y5PN6.J5. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results

Similar Description - S101K25Y5PN6.J5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com