Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT1500AU-240 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FT1500AU-240
Description  HIGH VOLTAGE, HIGH POWER, GENERAL USE DYNAMIC GATE, PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FT1500AU-240 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FT1500AU-240 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FT1500AU-240 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FT1500AU-240 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FT1500AU-240 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
MITSUBISHI GENERAL USE THYRISTORS
FT1500AU-240
HIGH VOLTAGE, HIGH POWER, GENERAL USE
DYNAMIC GATE, PRESS PACK TYPE
5
10
15
20
02468
10
13579
diG/dt = 1.5A/
µs
VD = 6000V
ITM = 3000A
diT/dt = 100A/
µs
Tj = 125°C
0.1VD
t
0
VD
0.1 IGM
IGM
tgt
0
1000
2000
3000
0
100
50
150
t
VR
di/dt
dv/dt
0
+
tq
VD
ITM
ITM = 2800A
di/dt = –10A/
µs
VR = 100V
VD = 6000V
dv/dt = 3V/
µs
0
500
1000
1500
2000
2500
3000
–60
–20
20
60
100
140
IH
IL
t
0
IL
tgw
IG
VARIABLE RESISTANCE
METHOD
IL condition :
IH condition :
VD = 6V
IG = 1050mA
tgw = 200
µs
VD = 12V
0
1000
2000
3000
100
101
23 4 5 7
102
23 4 5 7
t
VR
di/dt
dv/dt
0
+
tq
VD
ITM
ITM = 2800A
di/dt = –10A/
µs
VR = 100V
VD = 6000V
Tj = 80°C
0
2000
4000
6000
8000
10000
0
150
50
100
t
trr
trr !Irm
QRR =
2
Irm
ITM
VRM
di/dt
0
+
ITM = 3000A
di/dt = –10A/
µs
VRM = 150V
JUNCTION TEMPERATURE (°C)
HOLDING CURRENT LATCHING CURRENT VS.
JUNCTION TEMPERATURE
(TYPICAL)
GATE CURRENT (A)
TURN-ON TIME VS. GATE
CURRENT (TYPICAL)
JUNCTION TEMPERATURE (°C)
TURN-OFF TIME VS. JUNCTION
TEMPERATURE (TYPICAL)
RATE OF DECREASE OF ON-STATE CURRENT (A /
µs)
REVERSE RECOVERED
CHARGE VS. RATE OF DECREASE
OF ON-STATE CURRENT (TYPICAL)
JUNCTION TEMPERATURE (°C)
REVERSE RECOVERED CHARGE VS.
JUNCTION TEMPERATURE
(TYPICAL)
RATE-OF-RISE OF OFF-STATE VOLTAGE (V/
µs)
TURN-OFF TIME VS.
RATE OF RISE OF OFF-STATE VOLTAGE
(TYPICAL)
100
7101
23
5 7
23
5 7
103
3
5
7
104
2
3
5
7
2
3
t
trr
trr !Irm
QRR =
2
Irm
ITM
VRM
di/dt
0
+
ITM = 3000A
VRM = 150V
Tj = 125°C


Similar Part No. - FT1500AU-240

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FT1500AU-240 POWEREX-FT1500AU-240 Datasheet
81Kb / 4P
   Ultra High Voltage Thyristor 1500 Amperes/12000 Volts
More results

Similar Description - FT1500AU-240

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com