Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJ-SC680KF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJ-SC680KF
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJ-SC680KF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJ-SC680KF Datasheet HTML 1Page - Panasonic Semiconductor ELJ-SC680KF Datasheet HTML 2Page - Panasonic Semiconductor ELJ-SC680KF Datasheet HTML 3Page - Panasonic Semiconductor ELJ-SC680KF Datasheet HTML 4Page - Panasonic Semiconductor ELJ-SC680KF Datasheet HTML 5Page - Panasonic Semiconductor ELJ-SC680KF Datasheet HTML 6Page - Panasonic Semiconductor ELJ-SC680KF Datasheet HTML 7Page - Panasonic Semiconductor ELJ-SC680KF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.2±0.1
0.2±0.1
1.0±0.05
0.5±0.05
1.5 to 1.7
0.5 to 0.6
QF Type 1005 (0402)
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
100 MHz
min.
800 MHz
typ.
ELJQF1N0
□F
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
10
41
6000
0.05
400
ELJQF1N2
□F
1.2
41
6000
0.06
400
ELJQF1N5
□F
1.5
40
6000
0.07
400
ELJQF1N8
□F
1.8
40
6000
0.08
400
ELJQF2N2
□F
2.2
40
6000
0.09
400
ELJQF2N7
□F
2.7
40
5500
0.10
400
ELJQF3N3
□F
3.3
39
5500
0.12
400
ELJQF3N9
□F
3.9
39
5200
0.15
360
ELJQF4N7
□F
4.7
39
4800
0.17
360
ELJQF5N6
□F
5.6
39
4600
0.19
340
ELJQF6N8
□F
6.8
J : ±5 %
39
4000
0.30
320
ELJQF8N2
□F
8.2
39
3500
0.35
320
ELJQF10N
□F10
G : ±2 %
39
2800
0.41
320
ELJQF12N
□F
12
38
2800
0.45
320
ELJQF15N
□F
15
36
2500
0.60
240
ELJQF18N
□F
18
36
2200
0.70
240
ELJQF22N
□F
22
36
2000
0.80
200
ELJQF27N
□F
27
36
1800
1.20
200
ELJQF33N
□F
33
35
1800
1.40
170
ELJQF39N
□F
39
35
1800
1.70
150
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Parts (E12 series)
□ : Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
● 10000 pcs./Reel
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
100 MHz
min.
800 MHz
typ.
ELJQF1N1
□F
1.1
D : ±0.3 nH
Z : ±0.2 nH
100
10
41
6000
0.06
400
ELJQF1N3
□F
1.3
40
6000
0.07
400
ELJQF1N6
□F
1.6
40
6000
0.08
400
ELJQF2N0
□F
2.0
40
6000
0.09
400
ELJQF2N4
□F
2.4
40
5500
0.10
400
ELJQF3N0
□F
3.0
39
5500
0.12
400
ELJQF3N6
□F
3.6
39
5300
0.14
380
ELJQF4N3
□F
4.3
39
5000
0.16
360
ELJQF5N1
□F
5.1
39
4700
0.18
350
ELJQF6N2
□F
6.2
39
4300
0.25
330
ELJQF7N5
□F
7.5
J : ±5 %
39
3700
0.33
320
ELJQF9N1
□F
9.1
39
3100
0.38
320
ELJQF11N
□F11
G : ±2 %
38
2800
0.43
320
ELJQF13N
□F
13
36
2600
0.53
280
ELJQF16N
□F
16
36
2300
0.65
240
ELJQF20N
□F
20
36
2100
0.75
220
ELJQF24N
□F
24
36
1900
1.00
200
ELJQF30N
□F
30
35
1800
1.30
190
ELJQF36N
□F
36
35
1800
1.60
160
□ : Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Parts (E24 series)
Nov. 2013
03
8


Similar Part No. - ELJ-SC680KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-SA121KF PANASONIC-ELJ-SA121KF Datasheet
77Kb / 3P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJ-SC680KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com