Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX95EF29C6N Datasheet(PDF) 88 Page - Altera Corporation

Part # EP2AGX95EF29C6N
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX95EF29C6N Datasheet(HTML) 88 Page - Altera Corporation

Back Button EP2AGX95EF29C6N Datasheet HTML 84Page - Altera Corporation EP2AGX95EF29C6N Datasheet HTML 85Page - Altera Corporation EP2AGX95EF29C6N Datasheet HTML 86Page - Altera Corporation EP2AGX95EF29C6N Datasheet HTML 87Page - Altera Corporation EP2AGX95EF29C6N Datasheet HTML 88Page - Altera Corporation EP2AGX95EF29C6N Datasheet HTML 89Page - Altera Corporation EP2AGX95EF29C6N Datasheet HTML 90Page - Altera Corporation EP2AGX95EF29C6N Datasheet HTML 91Page - Altera Corporation EP2AGX95EF29C6N Datasheet HTML 92Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 380 page
background image
4–12
Chapter 4: DSP Blocks in Arria II Devices
DSP Block Resource Descriptions
Arria II Device Handbook Volume 1: Device Interfaces and Integration
December 2010
Altera Corporation
Pipeline Register Stage
Figure 4–5 on page 4–8 shows that the output from the first-stage adder can either
feed or bypass the pipeline registers. Pipeline registers increase the maximum
performance (at the expense of extra cycles of latency) of the DSP block, especially
when using the subsequent DSP block stages. Pipeline registers split up the long
signal path between the input-registers/multiplier/first-stage adder and the
second-stage adder/round-and-saturation/output-registers, creating two shorter
paths.
Second-Stage Adder
There are four individual 44-bit second-stage adders per DSP block (two adders per
half-DSP block). You can configure the second-stage adders as either:
The final stage of a 36-bit multiplier
A sum of four (18 × 18)
An accumulator (44-bits maximum)
A chained output summation (44-bits maximum)
1 You can use the chained-output adder at the same time as a second-level adder in
chained output summation mode.
The output of the second-stage adder has the option to go into the rounding and
saturation logic unit or the output register.
1 You cannot use the second-stage adder independently from the multiplier and
first-stage adder.
Rounding and Saturation Stage
Rounding and saturation logic units are located at the output of the 44-bit
second-stage adder (the rounding logic unit followed by the saturation logic unit).
There are two rounding and saturation logic units per half-DSP block. The input to
the rounding and saturation logic unit can come from one of the following stages:
Output of the multiplier (independent multiply mode in 18 × 18)
Output of the first-stage adder (two-multiplier adder)
Output of the pipeline registers
Output of the second-stage adder (four-multiplier adder, multiply-accumulate
mode in 18 × 18)
These stages are described in “Arria II Operational Mode Descriptions” on page 4–14.
The dynamic rounding and saturation signals control the rounding and saturation
logic unit, respectively. A logic 1 value on the round signal, saturate signal, or both
enables the round logic unit, saturate logic unit, or both.


Similar Part No. - EP2AGX95EF29C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
More results

Similar Description - EP2AGX95EF29C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com