Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC06D680E Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELC06D680E
Description  Adoption of High -m and High Bm ferrite cores
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC06D680E Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELC06D680E Datasheet HTML 1Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 2Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 3Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 4Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 5Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 6Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 7Page - Panasonic Semiconductor ELC06D680E Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Ð EL37 Ð
Choke Coils
Type
10D
ELC10D2R2E
ELC10D2R7E
ELC10D3R3E
ELC10D3R9E
ELC10D4R7E
ELC10D5R6E
ELC10D6R8E
ELC10D8R2E
ELC10D100E
ELC10D120E
ELC10D150E
ELC10D180E
ELC10D220E
ELC10D270E
ELC10D330E
ELC10D390E
ELC10D470E
ELC10D560E
ELC10D680E
ELC10D820E
ELC10D101E
ELC10D121E
ELC10D151E
ELC10D181E
ELC10D221E
ELC10D271E
ELC10D331E
ELC10D391E
ELC10D471E
ELC10D561E
ELC10D681E
ELC10D821E
ELC10D102E
ELC10D122E
ELC10D152E
ELC10D182E
ELC10D222E
ELC10D272E
ELC10D332E
ELC10D392E
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
0.014
0.015
0.016
0.018
0.019
0.021
0.022
0.024
0.026
0.028
0.033
0.036
0.040
0.044
0.051
0.054
0.060
0.067
0.075
0.095
0.11
0.12
0.16
0.18
0.21
0.28
0.32
0.40
0.45
0.56
0.66
0.80
1.0
1.2
1.5
1.8
2.1
2.7
3.2
3.5
5.9
5.5
5.2
4.8
4.6
4.3
4.2
4.0
3.9
3.8
3.5
3.4
3.2
3.0
2.8
2.7
2.5
2.3
2.1
1.8
1.7
1.6
1.4
1.3
1.1
1.0
0.90
0.80
0.70
0.68
0.64
0.55
0.50
0.45
0.42
0.40
0.36
0.32
0.28
0.26
[at 20ûC]
∗DCR.
(Ω±30%)
(Ω±20%)
∗∗[at 20ûC]
IDC.
(Αmax.)
Test Freq.
(kHz)
10
Tolerance
(%)
±20
±10
Inductance
(µH)
Part No.
∗Allowable DC Current:Smaller current value either when the inductance of -10 %max. changed, or when the temperatuer of 45k max. rised.
s
Examples Type 10D


Similar Part No. - ELC06D680E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC06D680E PANASONIC-ELC06D680E Datasheet
136Kb / 7P
   Choke Coils
ELC06D680E PANASONIC-ELC06D680E Datasheet
136Kb / 7P
   Examples Type 06D
ELC06D680E PANASONIC-ELC06D680E Datasheet
136Kb / 7P
   Choke Coils
ELC06D680E PANASONIC-ELC06D680E Datasheet
136Kb / 7P
   Choke Coils
ELC06D680E PANASONIC-ELC06D680E Datasheet
771Kb / 10P
   Choke Coils
More results

Similar Description - ELC06D680E

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
2SC4548 SKTECHNOLGY-2SC4548 Datasheet
1Mb / 2P
   High Breakdown Voltage Adoption of MBIT Process
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
PHOENIX CONTACT
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
   HC-M-BM
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
ON Semiconductor
2SA1705 ONSEMI-2SA1705 Datasheet
580Kb / 6P
   Bipolar Transistor Adoption of FBET process
September, 2013
2SA1593 ONSEMI-2SA1593 Datasheet
385Kb / 9P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1708 ONSEMI-2SA1708 Datasheet
632Kb / 8P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1706 ONSEMI-2SA1706 Datasheet
577Kb / 6P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com