Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX65 Datasheet(PDF) 44 Page - Altera Corporation

Part # EP2AGX65
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX65 Datasheet(HTML) 44 Page - Altera Corporation

Back Button EP2AGX65 Datasheet HTML 40Page - Altera Corporation EP2AGX65 Datasheet HTML 41Page - Altera Corporation EP2AGX65 Datasheet HTML 42Page - Altera Corporation EP2AGX65 Datasheet HTML 43Page - Altera Corporation EP2AGX65 Datasheet HTML 44Page - Altera Corporation EP2AGX65 Datasheet HTML 45Page - Altera Corporation EP2AGX65 Datasheet HTML 46Page - Altera Corporation EP2AGX65 Datasheet HTML 47Page - Altera Corporation EP2AGX65 Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 380 page
background image
2–14
Chapter 2: Logic Array Blocks and Adaptive Logic Modules in Arria II Devices
Adaptive Logic Modules
Arria II Device Handbook Volume 1: Device Interfaces and Integration
December 2010
Altera Corporation
Shared Arithmetic Chain
The shared arithmetic chain available in enhanced arithmetic mode allows the ALM
to implement a 3-input add. This significantly reduces the resources necessary to
implement large adder trees or correlator functions.
The shared arithmetic chains can begin in either the first or sixth ALM in an LAB. The
Quartus II Compiler creates shared arithmetic chains longer than 20 ALMs (10 ALMs
in arithmetic or shared arithmetic mode) by linking LABs together automatically. To
enhance fitting, a long shared arithmetic chain runs vertically, allowing fast horizontal
connections to the TriMatrix memory and DSP blocks. A shared arithmetic chain can
continue as far as a full column.
Similar to the carry chains, the top and bottom half of shared arithmetic chains in
alternate LAB columns can be bypassed. This capability allows the shared arithmetic
chain to cascade through half of the ALMs in an LAB while leaving the other half
available for narrower fan-in functionality. Every other LAB column is top-half
bypassable, while the other LAB columns are bottom-half bypassable.
1 For more information on shared arithmetic chain interconnect, refer to “ALM
Interconnects” on page 2–17.


Similar Part No. - EP2AGX65

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX190FF35C4N ALTERA-EP2AGX190FF35C4N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
More results

Similar Description - EP2AGX65

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com