Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX95 Datasheet(PDF) 45 Page - Altera Corporation

Part # EP2AGX95
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX95 Datasheet(HTML) 45 Page - Altera Corporation

Back Button EP2AGX95 Datasheet HTML 41Page - Altera Corporation EP2AGX95 Datasheet HTML 42Page - Altera Corporation EP2AGX95 Datasheet HTML 43Page - Altera Corporation EP2AGX95 Datasheet HTML 44Page - Altera Corporation EP2AGX95 Datasheet HTML 45Page - Altera Corporation EP2AGX95 Datasheet HTML 46Page - Altera Corporation EP2AGX95 Datasheet HTML 47Page - Altera Corporation EP2AGX95 Datasheet HTML 48Page - Altera Corporation EP2AGX95 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 380 page
background image
Chapter 2: Logic Array Blocks and Adaptive Logic Modules in Arria II Devices
2–15
Adaptive Logic Modules
December 2010
Altera Corporation
Arria II Device Handbook Volume 1: Device Interfaces and Integration
LUT-Register Mode
LUT-Register mode allows third register capability in an ALM. Two internal feedback
loops allow combinational ALUT1 to implement the master latch and combinational
ALUT0
to implement the slave latch needed for the third register. The LUT register
shares its clock, clock enable, and asynchronous clear sources with the top dedicated
register. Figure 2–12 shows the register constructed using two combinational blocks in
the ALM.
Figure 2–13 shows the ALM in LUT-Register mode.
Figure 2–12. LUT Register from Two Combinational Blocks
4-input
LUT
5-input
LUT
clk
aclr
datain(datac)
sclr
sumout
Master latch
Slave latch
combout
LUT regout
sumout
combout
Figure 2–13. ALM in LUT-Register Mode with 3-Register Capability
datain
aclr
sclr
regout
latchout
datain
sdata
regout
aclr
datain
sdata
regout
aclr
DC1
E0
F1
E1
F0
clk [2..0] aclr [1..0]
reg_chain_in
lelocal 0
leout 0 a
leout 0 b
reg_chain_out
lelocal 1
leout 1 a
leout 1 b
Third register


Similar Part No. - EP2AGX95

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
More results

Similar Description - EP2AGX95

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com