Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX125 Datasheet(PDF) 70 Page - Altera Corporation

Part # EP2AGX125
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX125 Datasheet(HTML) 70 Page - Altera Corporation

Back Button EP2AGX125 Datasheet HTML 66Page - Altera Corporation EP2AGX125 Datasheet HTML 67Page - Altera Corporation EP2AGX125 Datasheet HTML 68Page - Altera Corporation EP2AGX125 Datasheet HTML 69Page - Altera Corporation EP2AGX125 Datasheet HTML 70Page - Altera Corporation EP2AGX125 Datasheet HTML 71Page - Altera Corporation EP2AGX125 Datasheet HTML 72Page - Altera Corporation EP2AGX125 Datasheet HTML 73Page - Altera Corporation EP2AGX125 Datasheet HTML 74Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 380 page
background image
3–22
Chapter 3: Memory Blocks in Arria II Devices
Design Considerations
Arria II Device Handbook Volume 1: Device Interfaces and Integration
December 2011
Altera Corporation
Figure 3–21 shows sample functional waveforms of same-port read-during-write
behavior in new data mode.
Figure 3–22 shows sample functional waveforms of same-port read-during-write
behavior in old data mode.
For MLABs, the output of the MLABs can only be set to don’t care in same-port
read-during-write mode. In this mode, the output of the MLABs is unknown during a
write cycle. There is a window near the falling edge of the clock during which the
output is unknown. Prior to that window, “old data” is read out; after that window,
“new data” is seen at the output.
Figure 3–21. M9K and M144K Blocks Same Port Read-During Write: New Data Mode
clk_a
wrena
rdena
address
0A
0B
byteena
01
10
00
11
data_a
A123
B456
C789
DDDD
EEEE
FFFF
q_a (asynch)
XX23
B4XX
XXXX
DDDD
EEEE
FFFF
Figure 3–22. M9K and M144K Blocks Same Port Read-During-Write: Old Data Mode
clk_a
wrena
rdena
address
A0
A1
byteena
01
10
00
11
data_a
A123
B456
C789
DDDD
EEEE
FFFF
q_a (asynch)
A0 (old data)
A1(old data)
DDDD
EEEE
B423
DoldDold23


Similar Part No. - EP2AGX125

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results

Similar Description - EP2AGX125

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com