Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX125 Datasheet(PDF) 19 Page - Altera Corporation

Part # EP2AGX125
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX125 Datasheet(HTML) 19 Page - Altera Corporation

Back Button EP2AGX125 Datasheet HTML 15Page - Altera Corporation EP2AGX125 Datasheet HTML 16Page - Altera Corporation EP2AGX125 Datasheet HTML 17Page - Altera Corporation EP2AGX125 Datasheet HTML 18Page - Altera Corporation EP2AGX125 Datasheet HTML 19Page - Altera Corporation EP2AGX125 Datasheet HTML 20Page - Altera Corporation EP2AGX125 Datasheet HTML 21Page - Altera Corporation EP2AGX125 Datasheet HTML 22Page - Altera Corporation EP2AGX125 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 380 page
background image
Chapter 1: Overview for the Arria II Device Family
1–5
Arria II Device Feature
July 2012
Altera Corporation
Arria II Device Handbook Volume 1: Device Interfaces and Integration
Arria II devices are available in up to four speed grades: –3 (fastest), –4, –5, and –6
(slowest). Table 1–4 lists the speed grades for Arria II devices.
Table 1–3. Package Options and I/O Information for Arria II GZ Devices
(Note 1), (2), (3), (4), (5)
Device
780-Pin Flip Chip FBGA
29 mm x 29 mm
1152-Pin Flip Chip FBGA
35 mm x 35 mm
1517-Pin Flip Chip FBGA
40 mm x 40 mm
I/O
LVDS (6)
I/O
LVDS (7)
I/O
LVDS (7)
EP2AGZ225
554
135 (RX or eTX) +
140 (TX or eTX)
16
734
179 (RX or eTX) +
184 (TX or eTX)
24
EP2AGZ300
281
68 (RX or eTX) +
72 eTX
16
554
135 (RX or eTX) +
140 (TX or eTX)
16
734
179 (RX or eTX) +
184 (TX or eTX)
24
EP2AGZ350
281
68 (RX or eTX) +
72 eTX
16
554
135 (RX or eTX) +
140 (TX or eTX)
16
734
179 (RX or eTX) +
184 (TX or eTX)
24
Notes to Table 1–3:
(1) The user I/O counts include clock pins.
(2) RX = True LVDS input buffers without RD OCT support for row I/O banks, or true LVDS input buffers without RD OCT support for column I/O
banks.
(3) eTX = Emulated-LVDS output buffers, either LVDS_E_3R or LVDS_E_1R.
(4) The LVDS RX and TX channels are equally divided between the left and right sides of the device.
(5) The LVDS channel count does not include dedicated clock input pins.
(6) For Arria II GZ 780-pin FBGA package, the LVDS channels are only supported in column I/O banks.
(7) These numbers represents the accumulated LVDS channels supported in Arria II GZ device row and column I/O banks.
Table 1–4. Speed Grades for Arria II Devices
Device
358-Pin Flip Chip
UBGA
572-Pin Flip Chip
FBGA
780-Pin Flip Chip
FBGA
1152-Pin Flip Chip
FBGA
1517-Pin Flip Chip
FBGA
EP2AGX45
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
EP2AGX65
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
EP2AGX95
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
EP2AGX125
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
EP2AGX190
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
EP2AGX260
C4, C5, C6, I3, I5
C4, C5, C6, I3, I5
EP2AGZ225
C3, C4, I3, I4
C3, C4, I3, I4
EP2AGZ300
C3, C4, I3, I4
C3, C4, I3, I4
C3, C4, I3, I4
EP2AGZ350
C3, C4, I3, I4
C3, C4, I3, I4
C3, C4, I3, I4


Similar Part No. - EP2AGX125

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results

Similar Description - EP2AGX125

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com