Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJQF18NF Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ELJQF18NF
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJQF18NF Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ELJQF18NF Datasheet HTML 1Page - Panasonic Semiconductor ELJQF18NF Datasheet HTML 2Page - Panasonic Semiconductor ELJQF18NF Datasheet HTML 3Page - Panasonic Semiconductor ELJQF18NF Datasheet HTML 4Page - Panasonic Semiconductor ELJQF18NF Datasheet HTML 5Page - Panasonic Semiconductor ELJQF18NF Datasheet HTML 6Page - Panasonic Semiconductor ELJQF18NF Datasheet HTML 7Page - Panasonic Semiconductor ELJQF18NF Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
1
10
100
1000
10
100
1000
10000
10
20
30
40
50
60
100
90
80
70
10
100
1000
10000
Frequency (MHz)
Frequency (MHz)
Typical Characteristics
● Q-Frequency Characteristics (Typ.)
● L-Frequency Characteristics (Typ.)
ELJQE Type
Part No.
Inductance (nH)(Typ.)
Q(Typ.)
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
800MHz 900MHz
1.8GHz
2.0GHz
2.4GHz
ELJQE2N2
□FA
2.18
2.18
2.23
2.25
2.30
88.6
92.5
117.0
119.5
122.5
ELJQE2N7
□FA
2.62
2.62
2.69
2.71
2.78
65.4
68.4
87.2
89.3
92.4
ELJQE3N3
□FA
3.24
3.24
3.29
3.30
3.36
61.3
64.2
82.6
84.9
88.7
ELJQE3N9
□FA
3.83
3.83
3.91
3.93
4.01
68.4
71.9
94.8
97.6
102.1
ELJQE4N7
□FA
4.61
4.61
4.74
4.78
4.91
65.2
68.4
88.3
90.4
93.0
ELJQE5N6
□FA
5.48
5.48
5.62
5.67
5.82
57.4
60.1
77.2
79.2
82.0
ELJQE6N8
□FA
6.70
6.71
6.96
7.05
7.30
65.0
68.2
87.0
88.6
89.7
ELJQE8N2
□FA
8.12
8.14
8.57
8.71
9.12
65.5
68.4
84.0
84.7
83.5
ELJQE10N
□FA
9.89
9.92
10.5
10.7
11.3
63.8
66.7
81.5
82.1
80.5
ELJQE12N
□FA
12.0
12.0
12.9
13.1
14.0
61.9
64.6
77.8
78.0
75.4
ELJQE15N
□FA
14.9
14.9
16.1
16.4
17.6
59.0
61.4
72.1
72.0
69.0
ELJQE18N
□FA
18.0
18.1
20.1
20.8
22.9
58.6
61.0
70.1
69.2
64.0
ELJQE22N
□FA
22.0
22.1
24.9
25.9
29.0
59.1
61.3
67.8
66.1
59.0
ELJQE27N
□FA
27.1
27.3
31.2
32.5
36.7
55.0
57.2
63.3
61.6
54.3
ELJQE33N
□FA
33.9
34.4
43.7
47.4
61.4
54.2
55.9
54.7
51.0
39.1
ELJQE39N
□FA
40.3
40.9
53.6
58.9
79.9
52.9
54.4
50.6
46.3
33.2
ELJQE47N
□FA
49.6
50.5
72.7
83.1
134.8
54.4
55.4
44.2
38.1
21.6
ELJQE56N
□FA
58.8
60.1
93.6
111.2
223.8
51.5
52.3
37.7
30.9
13.6
□ : Symbol of Tolerance
Reference Date
Nov. 2013
03
11


Similar Part No. - ELJQF18NF

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELJ-450-628 EPIGAP-ELJ-450-628 Datasheet
377Kb / 5P
   Jumbo-LED
ELJ-460-617 EPIGAP-ELJ-460-617 Datasheet
416Kb / 5P
   Jumbo-LED
ELJ-460-628 EPIGAP-ELJ-460-628 Datasheet
234Kb / 4P
   Jumbo-LED
ELJ-465-617 EPIGAP-ELJ-465-617 Datasheet
415Kb / 5P
   Jumbo-LED
logo
Roithner LaserTechnik G...
ELJ-465-627 ROITHNER-ELJ-465-627 Datasheet
251Kb / 4P
   High Power LED
More results

Similar Description - ELJQF18NF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com