Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX190 Datasheet(PDF) 47 Page - Altera Corporation

Part # EP2AGX190
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX190 Datasheet(HTML) 47 Page - Altera Corporation

Back Button EP2AGX190 Datasheet HTML 43Page - Altera Corporation EP2AGX190 Datasheet HTML 44Page - Altera Corporation EP2AGX190 Datasheet HTML 45Page - Altera Corporation EP2AGX190 Datasheet HTML 46Page - Altera Corporation EP2AGX190 Datasheet HTML 47Page - Altera Corporation EP2AGX190 Datasheet HTML 48Page - Altera Corporation EP2AGX190 Datasheet HTML 49Page - Altera Corporation EP2AGX190 Datasheet HTML 50Page - Altera Corporation EP2AGX190 Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 380 page
background image
Chapter 2: Logic Array Blocks and Adaptive Logic Modules in Arria II Devices
2–17
Adaptive Logic Modules
December 2010
Altera Corporation
Arria II Device Handbook Volume 1: Device Interfaces and Integration
ALM Interconnects
There are three dedicated paths between ALMs: Register Cascade, Carry-chain, and
Shared Arithmetic chain. Arria II devices include an enhanced interconnect structure
in LABs for routing shared arithmetic chains and carry chains for efficient arithmetic
functions. The register chain connection allows the register output of one ALM to
connect directly to the register input of the next ALM in the LAB for fast shift
registers. These ALM-to-ALM connections bypass the local interconnect. Figure 2–15
shows the shared arithmetic chain, carry chain, and register chain interconnects.
Clear and Preset Logic Control
LAB-wide signals control the logic for the register‘s clear signal. The ALM directly
supports an asynchronous clear function. You can achieve the register preset through
the Quartus II software’s NOT-gate push-back logic option. Each LAB supports up to
two clears.
Arria II devices provide a device-wide reset pin (DEV_CLRn) that resets all registers in
the device. An option set before compilation in the Quartus II software enables this
pin. This device-wide reset overrides all other control signals.
LAB Power Management Techniques
The following techniques are used to manage static and dynamic power consumption
within the LAB:
The Quartus II software forces all adder inputs low when ALM adders are not in
use to save AC power.
Arria II LABs operate in high-performance mode or low-power mode. The
Quartus II software automatically chooses the appropriate mode for the LAB,
based on the design, to optimize speed versus leakage trade-offs.
Figure 2–15. Shared Arithmetic Chain, Carry Chain, and Register Chain Interconnects
ALM 1
ALM 2
ALM 3
Carry chain & shared
arithmetic chain
routing to adjacent ALM
Local
interconnect
Register chain
routing to adjacent
ALM's register input
Local interconnect
routing among ALMs
in the LAB
ALM 10


Similar Part No. - EP2AGX190

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX190FF35C4N ALTERA-EP2AGX190FF35C4N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
More results

Similar Description - EP2AGX190

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com