Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX190 Datasheet(PDF) 63 Page - Altera Corporation

Part # EP2AGX190
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX190 Datasheet(HTML) 63 Page - Altera Corporation

Back Button EP2AGX190 Datasheet HTML 59Page - Altera Corporation EP2AGX190 Datasheet HTML 60Page - Altera Corporation EP2AGX190 Datasheet HTML 61Page - Altera Corporation EP2AGX190 Datasheet HTML 62Page - Altera Corporation EP2AGX190 Datasheet HTML 63Page - Altera Corporation EP2AGX190 Datasheet HTML 64Page - Altera Corporation EP2AGX190 Datasheet HTML 65Page - Altera Corporation EP2AGX190 Datasheet HTML 66Page - Altera Corporation EP2AGX190 Datasheet HTML 67Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 380 page
background image
Chapter 3: Memory Blocks in Arria II Devices
3–15
Memory Modes
December 2011
Altera Corporation
Arria II Device Handbook Volume 1: Device Interfaces and Integration
Figure 3–15 shows timing waveforms for read and write operations in mixed-port
mode with unregistered outputs.
True Dual-Port Mode
Arria II M9K and M144K blocks support true dual-port mode. Sometimes called
bidirectional dual-port, this mode allows you to perform any combination of two-port
operations: two reads, two writes, or one read and one write at two different clock
frequencies. True dual-port memory supports input and output clock mode in
addition to the independent clock mode.
Figure 3–16 shows the true dual-port RAM configuration.
The widest bit configuration of the M9K and M144K blocks in true dual-port mode
are:
M9K: 512 × 16-bit (or 512 × 18-bit with parity)
M144K: 4K × 32-bit (or 4K × 36-bit with parity)
Wider configurations are unavailable because the number of output drivers is
equivalent to the maximum bit width of the respective memory block. Because true
dual-port RAM has outputs on two ports, its maximum width equals half of the total
number of output drivers.
Figure 3–15. Mixed-Port Read-During-Write Timing Waveforms
clk_a
wrena
rdena
address
A0
A1
byteena
01
10
00
11
data_a
A123
B456
C789
DDDD
EEEE
FFFF
q_a (asynch)
A0 (old data)
A1(old data)
DDDD
EEEE
B423
DoldDold23
Figure 3–16. Arria II True Dual-Port Memory
data_a[ ]
address_a[ ]
wren_a
byteena_a[]
addressstall_a
clock_a
enable_a
rden_a
aclr_a
q_a[]
data_b[ ]
address_b[]
wren_b
byteena_b[]
addressstall_b
clock_b
enable_b
rden_b
aclr_b
q_b[]


Similar Part No. - EP2AGX190

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX190FF35C4N ALTERA-EP2AGX190FF35C4N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
More results

Similar Description - EP2AGX190

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com