Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX190 Datasheet(PDF) 36 Page - Altera Corporation

Part # EP2AGX190
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX190 Datasheet(HTML) 36 Page - Altera Corporation

Back Button EP2AGX190 Datasheet HTML 32Page - Altera Corporation EP2AGX190 Datasheet HTML 33Page - Altera Corporation EP2AGX190 Datasheet HTML 34Page - Altera Corporation EP2AGX190 Datasheet HTML 35Page - Altera Corporation EP2AGX190 Datasheet HTML 36Page - Altera Corporation EP2AGX190 Datasheet HTML 37Page - Altera Corporation EP2AGX190 Datasheet HTML 38Page - Altera Corporation EP2AGX190 Datasheet HTML 39Page - Altera Corporation EP2AGX190 Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 380 page
background image
2–6
Chapter 2: Logic Array Blocks and Adaptive Logic Modules in Arria II Devices
Adaptive Logic Modules
Arria II Device Handbook Volume 1: Device Interfaces and Integration
December 2010
Altera Corporation
Figure 2–6 shows a detailed view of all the connections in an ALM.
One ALM contains two programmable registers. Each register has data, clock, clock
enable, synchronous and asynchronous clear, and synchronous load and clear inputs.
Global signals, general purpose I/O (GPIO) pins, or any internal logic can drive the
register’s clock and clear-control signals. Either GPIO pins or internal logic can drive
the clock enable. For combinational functions, the register is bypassed and the output
of the LUT drives directly to the outputs of an ALM.
Each ALM has two sets of outputs that drive the local, row, and column routing
resources. The LUT, adder, or register output can drive the ALM outputs (refer to
Figure 2–6). For each set of output drivers, two ALM outputs can drive column, row,
or direct link routing connections, and one of these ALM outputs can also drive local
interconnect resources. The LUT or adder can drive one output while the register
drives another output.
Figure 2–6. Connection Details of the Arria II ALM
D
Q
+
reg_chain_in
aclr[1:0]
sclr
syncload
clk[2:0]
carry_in
dataf0
datae0
dataa
datab
datac1
datae1
dataf1
shared_arith_out
carry_out
reg_chain_out
CLR
D
Q
CLR
shared_arith_in
local
interconnect
row, column
direct link routing
row, column
direct link routing
local
interconnect
4-INPUT
LUT
4-INPUT
LUT
3-INPUT
LUT
3-INPUT
LUT
3-INPUT
LUT
3-INPUT
LUT
+
datac0
VCC
GND
row, column
direct link routing
row, column
direct link routing


Similar Part No. - EP2AGX190

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX190FF35C4N ALTERA-EP2AGX190FF35C4N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
More results

Similar Description - EP2AGX190

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com