Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX260 Datasheet(PDF) 46 Page - Altera Corporation

Part # EP2AGX260
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX260 Datasheet(HTML) 46 Page - Altera Corporation

Back Button EP2AGX260 Datasheet HTML 42Page - Altera Corporation EP2AGX260 Datasheet HTML 43Page - Altera Corporation EP2AGX260 Datasheet HTML 44Page - Altera Corporation EP2AGX260 Datasheet HTML 45Page - Altera Corporation EP2AGX260 Datasheet HTML 46Page - Altera Corporation EP2AGX260 Datasheet HTML 47Page - Altera Corporation EP2AGX260 Datasheet HTML 48Page - Altera Corporation EP2AGX260 Datasheet HTML 49Page - Altera Corporation EP2AGX260 Datasheet HTML 50Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 380 page
background image
2–16
Chapter 2: Logic Array Blocks and Adaptive Logic Modules in Arria II Devices
Adaptive Logic Modules
Arria II Device Handbook Volume 1: Device Interfaces and Integration
December 2010
Altera Corporation
Register Chain
In addition to general routing outputs, the ALMs in any given LAB have register
chain outputs to allow registers in the same LAB to be cascaded together. The register
chain interconnect allows a LAB to use LUTs for a single combinational function and
the registers to be used for an unrelated shift register implementation. These resources
speed up connections between ALMs while saving local interconnect resources (refer
to Figure 2–14). The Quartus II Compiler automatically takes advantage of these
resources to improve utilization and performance.
1 For more information about register chain interconnect, refer to “ALM Interconnects”
on page 2–17.
Figure 2–14. Register Chain in an LAB (Note 1)
Note to Figure 2–14:
(1) You can use the combinational or adder logic to implement an unrelated, un-registered function.
DQ
To general or
local routing
reg0
To general or
local routing
reg_chain_in
adder0
DQ
To general or
local routing
reg1
To general or
local routing
adder1
DQ
To general or
local routing
reg0
To general or
local routing
reg_chain_out
adder0
DQ
To general or
local routing
reg1
To general or
local routing
adder1
From previous ALM
in the LAB
To next ALM
in the LAB
Combinational
Logic
Combinational
Logic
labclk


Similar Part No. - EP2AGX260

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
More results

Similar Description - EP2AGX260

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com