Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4390C Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL4390C
Description  Triple 80 MHz Video Amplifier with DC Restore
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4390C Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL4390C Datasheet HTML 2Page - Elantec Semiconductor EL4390C Datasheet HTML 3Page - Elantec Semiconductor EL4390C Datasheet HTML 4Page - Elantec Semiconductor EL4390C Datasheet HTML 5Page - Elantec Semiconductor EL4390C Datasheet HTML 6Page - Elantec Semiconductor EL4390C Datasheet HTML 7Page - Elantec Semiconductor EL4390C Datasheet HTML 8Page - Elantec Semiconductor EL4390C Datasheet HTML 9Page - Elantec Semiconductor EL4390C Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EL4390C
Triple 80 MHz Video Amplifier with DC Restore
Typical Performance Curves
Contd
Gain Flatness
VS e g5V AV e 20 dB
RF RG as Shown
4390 – 11
Gain Flatness
VS e g5V AV e 26 dB
RF e 680X RG e 36X
4390 – 12
Differential Gain
at VS e g15V
4390 – 17
Differential Phase
at VS e g15V
4390 – 18
Differential Gain
at VS e g5V
4390 – 19
Differential Phase
at VS e g5V
4390 – 20
Frequency Response
for Various CLOAD VS e g15V
RF e RG e 1300X
4390 – 13
Frequency Response
for Various CLOAD VS e g5V
RF e RG e 1300X
4390 – 14
Crosstalk
Channel R and B to Channel G
VS e g5V RF e 1300X
4390 – 15
6


Similar Part No. - EL4390C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4390CM INTERSIL-EL4390CM Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390CM RENESAS-EL4390CM Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Intersil Corporation
EL4390CN INTERSIL-EL4390CN Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390CN RENESAS-EL4390CN Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
More results

Similar Description - EL4390C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com