Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4390C Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4390C
Description  Triple 80 MHz Video Amplifier with DC Restore
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4390C Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4390C Datasheet HTML 1Page - Elantec Semiconductor EL4390C Datasheet HTML 2Page - Elantec Semiconductor EL4390C Datasheet HTML 3Page - Elantec Semiconductor EL4390C Datasheet HTML 4Page - Elantec Semiconductor EL4390C Datasheet HTML 5Page - Elantec Semiconductor EL4390C Datasheet HTML 6Page - Elantec Semiconductor EL4390C Datasheet HTML 7Page - Elantec Semiconductor EL4390C Datasheet HTML 8Page - Elantec Semiconductor EL4390C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL4390C
Triple 80 MHz Video Amplifier with DC Restore
Absolute Maximum Ratings (T
A
e
25 C)
Voltage between VSa and VSba33V
Voltage at VSaa18V
Voltage at VSbb18V
Voltage between VINa and VINb
g
6V
Current into VINa and VINb
5mA
Internal Power Dissipation
See Curves
Operating Ambient Temp Range
b
40 Cto a85 C
Operating Junction Temperature
150 C
Storage Temperature Range
b
65 Cto a150 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
Open Loop DC Electrical Characteristics Supplies at g15V Load e 1KX
Parameter
Description
Temp
Min
Typ
Max
Test
Units
Level
Amplifier Section (not restored)
VOS
Input Offset Voltage
a
25 C
2
15
II
mV
IBa
IINa Input Bias Current
a
25 C
02
5
II
mA
IBb
IINb Input Bias Current
a
25 C10
65
II
mA
ROL
Transimpedance (Note 1)
a
25 C
100
220
II
k
X
RINb
INb Resistance
a
25 C50
V
X
CMRR
Common-Mode Rejection Ratio (Note 2)
a
25 C50
56
II
dB
PSRR
Power Supply Rejection Ratio (Note 4)
a
25 C50
70
II
dB
VO
Output Voltage Swing RL e 1kX
a
25 C
g
12
g
13
II
V
ISC
Short-Circuit Current
a
25 C
45
70
100
II
mA
ISY
Supply Current (Quiescent)
a
25 C10
20
32
II
mA
Restoring Section
VOS COMP
Composite Input Offset Voltage (Note 3)
a
25 C
8
35
II
mV
IBa R
Restore INa Input Bias Current
a
25 C
02
5
II
mA
IOUT
Restoring Current Available
a
25 C2
4
II
mA
PSRR
Power Supply Rejection Ratio (Note 4)
a
25 C50
70
II
dB
GOUT
Conductance
a
25 C
8
V
mAV
ISY RES
Supply Current Restoring
a
25 C10
23
37
II
mA
VIL RES
RES Logic Low Threshold
a
25 C
10
14
II
V
VIH RES
RES Logic High Threshold
a
25 C
14
18
II
V
2


Similar Part No. - EL4390C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4390CM INTERSIL-EL4390CM Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390CM RENESAS-EL4390CM Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Intersil Corporation
EL4390CN INTERSIL-EL4390CN Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390CN RENESAS-EL4390CN Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
More results

Similar Description - EL4390C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com