Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGZ350 Datasheet(PDF) 53 Page - Altera Corporation

Part # EP2AGZ350
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGZ350 Datasheet(HTML) 53 Page - Altera Corporation

Back Button EP2AGZ350 Datasheet HTML 49Page - Altera Corporation EP2AGZ350 Datasheet HTML 50Page - Altera Corporation EP2AGZ350 Datasheet HTML 51Page - Altera Corporation EP2AGZ350 Datasheet HTML 52Page - Altera Corporation EP2AGZ350 Datasheet HTML 53Page - Altera Corporation EP2AGZ350 Datasheet HTML 54Page - Altera Corporation EP2AGZ350 Datasheet HTML 55Page - Altera Corporation EP2AGZ350 Datasheet HTML 56Page - Altera Corporation EP2AGZ350 Datasheet HTML 57Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 380 page
background image
Chapter 3: Memory Blocks in Arria II Devices
3–5
Memory Features
December 2011
Altera Corporation
Arria II Device Handbook Volume 1: Device Interfaces and Integration
Figure 3–2 shows how the wren and byteena signals control the operations of the
MLABs. Falling clock edges triggers the write operation in MLABs.
Packed Mode Support
Arria II M9K and M144K blocks support packed mode. The packed mode feature
packs two independent single-port RAMs into one memory block. The Quartus II
software automatically implements the packed mode where appropriate by placing
the physical RAM block into true dual-port mode and using the MSB of the address to
distinguish between the two logical RAMs. The size of each independent single-port
RAM must not exceed half of the target block size.
Address Clock Enable Support
Arria II memory blocks support address clock enable, which holds the previous
address value for as long as the signal is enabled (addressstall = 1). When you
configure the memory blocks in dual-port mode, each port has its own independent
address clock enable. The default value for the address clock enable signal is low
(disabled).
Figure 3–2. Byte Enable Functional Waveform for MLABs
inclock
wren
address
data
byteena
XXXX
ABCD
XXXX
ABCD
FFFF
FFFF
ABFF
FFFF
FFCD
contents at a0
contents at a1
contents at a2
current data: q (asynch)
doutn
FFFF
FFCD
ABCD
FFFF
ABFF
FFCD
FFCD
an
a0
a1
a2
a0
a1
a2
XX
10
01
11
XX
ABFF
FFFF


Similar Part No. - EP2AGZ350

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
More results

Similar Description - EP2AGZ350

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com