Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGZ350 Datasheet(PDF) 56 Page - Altera Corporation

Part # EP2AGZ350
Description  Device Interfaces and Integration
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGZ350 Datasheet(HTML) 56 Page - Altera Corporation

Back Button EP2AGZ350 Datasheet HTML 52Page - Altera Corporation EP2AGZ350 Datasheet HTML 53Page - Altera Corporation EP2AGZ350 Datasheet HTML 54Page - Altera Corporation EP2AGZ350 Datasheet HTML 55Page - Altera Corporation EP2AGZ350 Datasheet HTML 56Page - Altera Corporation EP2AGZ350 Datasheet HTML 57Page - Altera Corporation EP2AGZ350 Datasheet HTML 58Page - Altera Corporation EP2AGZ350 Datasheet HTML 59Page - Altera Corporation EP2AGZ350 Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 380 page
background image
3–8
Chapter 3: Memory Blocks in Arria II Devices
Memory Features
Arria II Device Handbook Volume 1: Device Interfaces and Integration
December 2011
Altera Corporation
Mixed Width Support
M9K and M144K blocks support mixed data widths inherently. MLABs can support
mixed data widths through emulation with the Quartus II software. When using
simple dual-port, true dual-port, or FIFO modes, mixed width support allows you to
read and write different data widths to a memory block. For more information about
the different widths supported per memory mode, refer to “Memory Modes” on
page 3–10.
1 MLABs do not support mixed-width FIFO mode.
Asynchronous Clear
Arria II memory blocks support asynchronous clears on the output latches and output
registers. Therefore, if your RAM is not using output registers, you can still clear the
RAM outputs using the output latch asynchronous clear. Figure 3–7 shows a
functional waveform showing this functionality.
You can selectively enable asynchronous clears per logical memory using the RAM
MegaWizard Plug-In Manager.
f For more information about the RAM MegaWizard Plug-In Manager, refer to the
Internal Memory (RAM and ROM) Megafunction User Guide.
Error Correction Code Support
Arria II GZ M144K blocks have built-in support for ECC when in ×64-wide simple
dual-port mode. ECC allows you to detect and correct data errors in the memory
array. The M144K blocks have a single-error-correction double-error-detection
(SECDED) implementation. SECDED can detect and fix a single bit error in a 64-bit
word, or detect two bit errors in a 64-bit word. It cannot detect three or more errors.
The M144K ECC status is communicated using a three-bit status flag
(eccstatus[2..0]). The status flag can be either registered or unregistered. When
registered, it uses the same clock and asynchronous clear signals as the output
registers. When unregistered, it cannot be asynchronously cleared.
Figure 3–7. Output Latch Asynchronous Clear Waveform
aclr
aclr at latch
q
outclk


Similar Part No. - EP2AGZ350

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
More results

Similar Description - EP2AGZ350

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGZ225HF40I3N ALTERA-EP2AGZ225HF40I3N Datasheet
10Mb / 382P
   Volume 1: Device Interfaces and Integration
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
[Old version datasheet]   ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Lumileds Lighting Compa...
DS113 LUMILEDS-DS113 Datasheet
2Mb / 20P
   Best punch and easy integration
LXS0-PR00-0017N LUMILEDS-LXS0-PR00-0017N Datasheet
2Mb / 20P
   Best punch and easy integration
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
[Old version datasheet]   ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Maxim Integrated Produc...
MAX14827A MAXIM-MAX14827A Datasheet
916Kb / 42P
   High Configurability and Integration Reduce SKUs
Rev 1; 9/16
logo
Semtech Corporation
ECLAMP2410P SEMTECH-ECLAMP2410P Datasheet
327Kb / 9P
   ESD Protecton Device for T-Flash/MicroSD Interfaces
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
PHOENIX CONTACT
2203183 PHOENIX-2203183 Datasheet
54Kb / 2P
   Integration of TFT display and membrane keypads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com