Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR07W-P1C54-CD000 Datasheet(PDF) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # CR07W-P1C54-CD000
Description  Uniform high quality illumination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

CR07W-P1C54-CD000 Datasheet(HTML) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button CR07W-P1C54-CD000 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
COB LED
CR07W-P1C54-CD000
REV:A/0
●Storage
1. Do not open the moisture proof bag before the devices are ready to use.
2. Before the package is opened, LED should be stored at temperatures less than 30℃ and
humidity less than 50%.
3. LED may be stored for 6 months. When the storage time has reached more than 6 months,
LED should be stored in a sealed container filled with Nitrogen gas.
4. After the package is opened, LED should be stored at temperatures less than 30℃ and
humidity less than 30%.
5. LED should be used within 168 hours (7 days) after the package is opened.
●E-Power Operating Procedure
1. E-power 07W series products should be operated at 150 mA for ideal performance, but not
more than200mA.
2. E-power 07Wseries products are sensitive to static. Operators must wear static wristband
(wireless static wristband is prohibited) and be well grounded while working in the
environment with an ionizing air blower. Anti-static requirement should be under ESD
2000V.
3. Sufficient thermal management must be applied.Large LED forward current will cause high
junction temperature and reduce LED life.
4. Recommended Assembly Method is shown in Figure 1, E-powe 07Wseries products must
be used in conjunction with heat-sinking devices and a thin layer of thermal grease should
be applied to the bottom surface of the LED source
Figure 1
DRAWING NO. :DS-81-11-XXXX
DATE : 2011-09-06
Page : 10


Similar Part No. - CR07W-P1C54-CD000

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
CR07 YANTEL-CR07 Datasheet
1Mb / 8P
   SMT Crossover
logo
Littelfuse
CR0720SA LITTELFUSE-CR0720SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR0720SA ETC1-CR0720SA Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR0720SB LITTELFUSE-CR0720SB Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR0720SB ETC1-CR0720SB Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results

Similar Description - CR07W-P1C54-CD000

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
6000K_CR07C-P1C54-EC000 PARALIGHT-6000K_CR07C-P1C54-EC000 Datasheet
869Kb / 12P
   Uniform high quality illumination
CS20C-P1C28-DB000 PARALIGHT-CS20C-P1C28-DB000 Datasheet
556Kb / 12P
   Uniform high quality illumination
3000K_CR07W-P1C54-CC000 PARALIGHT-3000K_CR07W-P1C54-CC000 Datasheet
944Kb / 12P
   Uniform high quality illumination
CS30C-P1C28-CC000 PARALIGHT-CS30C-P1C28-CC000 Datasheet
555Kb / 12P
   Uniform high quality illumination
CS40C-P1C28-CB000 PARALIGHT-CS40C-P1C28-CB000 Datasheet
539Kb / 12P
   Uniform high quality illumination
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
   HIGH QUALITY STEREO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com