Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS30C-P1C28-CC000 Datasheet(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # CS30C-P1C28-CC000
Description  Uniform high quality illumination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

CS30C-P1C28-CC000 Datasheet(HTML) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button CS30C-P1C28-CC000 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. CS30C-P1C28-CC000 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. CS30C-P1C28-CC000 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. CS30C-P1C28-CC000 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. CS30C-P1C28-CC000 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. CS30C-P1C28-CC000 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. CS30C-P1C28-CC000 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. CS30C-P1C28-CC000 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. CS30C-P1C28-CC000 Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
COB
LED
CS30C-P1C28-CC000
REV:A/0
COROMATICITY COORDINATE
(CIE1931_XY)
DRAWING NO. : DS-83-11-0005
DATE : 2012-12-07
Page : 6


Similar Part No. - CS30C-P1C28-CC000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CS30CL STMICROELECTRONICS-CS30CL Datasheet
689Kb / 18P
   High side current sense high voltage op amp
March 2014 Rev 1
More results

Similar Description - CS30C-P1C28-CC000

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
6000K_CR07C-P1C54-EC000 PARALIGHT-6000K_CR07C-P1C54-EC000 Datasheet
869Kb / 12P
   Uniform high quality illumination
CS20C-P1C28-DB000 PARALIGHT-CS20C-P1C28-DB000 Datasheet
556Kb / 12P
   Uniform high quality illumination
3000K_CR07W-P1C54-CC000 PARALIGHT-3000K_CR07W-P1C54-CC000 Datasheet
944Kb / 12P
   Uniform high quality illumination
CR07W-P1C54-CD000 PARALIGHT-CR07W-P1C54-CD000 Datasheet
536Kb / 12P
   Uniform high quality illumination
CS40C-P1C28-CB000 PARALIGHT-CS40C-P1C28-CB000 Datasheet
539Kb / 12P
   Uniform high quality illumination
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
   HIGH QUALITY STEREO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com