Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM12B-433S1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RFM12B-433S1
Description  UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM12B-433S1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RFM12B-433S1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM12B-433S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM12B-433S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM12B-433S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM12B-433S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM12B-433S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM12B-433S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM12B-433S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM12B-433S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RFM12B
Datasheet REV2.0
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com
http://www.hoperf.com
Typical Application:
• Remote control
• Remote sensor
• Wireless data collection
• Home security system
• Toys
• Tire pressure monitoring system
Pin Definition:
SMD
DIP
definition
Type
Function
nINT/VDI
DI/ DO
Interrupt input (active low)/Valid data indicator
VDD
S
Positive power supply
SDI
DI
SPI data input
SCK
DI
SPI clock input
nSEL
DI
Chip select (active low)
SDO
DO
Serial data output with bus hold
nIRQ
DO
Interrupts request output(active low)
FSK/DATA/nFFS
DI/DO/DI
Transmit FSK data input/ Received data output (FIFO not used)/ FIFO
select
DCLK/CFIL/FFIT
DO/AIO/DO
Clock output (no FIFO )/ external filter capacitor(analog mode)/ FIFO
interrupts(active high)when FIFO level set to 1, FIFO empty
interruption can be achieved
CLK
DO
Clock output for external microcontroller
nRES
DIO
Reset output(active low)
GND
S
Power ground
Electrical Parameter:
Maximum(not at working mode)
symbol
parameter
minimum
maximum
Unit
Vdd
Positive power supply
-0.5
6.0
V
Vin
All pin input level
-0.5
Vdd+0.5
V


Similar Part No. - RFM12B-433S1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM12B-433-DP HOPE-RFM12B-433-DP Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
RFM12B-433-S1P HOPE-RFM12B-433-S1P Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
More results

Similar Description - RFM12B-433S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com