Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM12B-915S2P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM12B-915S2P
Description  UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM12B-915S2P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM12B-915S2P Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RFM12B
Datasheet REV2.0
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com
http://www.hoperf.com
UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12B
(the purpose of this spec covers mainly for the
physical characteristic of the module, for register
configure and its related command info please refer
to RF12B data sheets
General Introduction
RFM12B is a low costing ISM band transceiver
module implemented with unique PLL. It works
signal ranges from 433/868/915MHZ bands, comply
with FCC, ETSI regulation. The SPI interface is
used to communicate with microcontroller for
parameter setting.
Features:
• Low costing, high performance and price ratio
• Tuning free during production
• PLL and zero IF technology
• Fast PLL lock time
• High resolution PLL with 2.5 KHz step
• High data rate (up to 115.2 kbps with internal demodulator,with external RC filter highest data rate is
256 kbps)
• Differential antenna input/output
• Automatic antenna tuning
• Programmable TX frequency deviation (from 15 to 240 KHz)
• Programmable receiver bandwidth (from 67 to 400 kHz)
• Analog and digital signal strength indicator (ARSSI/DRSSI)
• Automatic frequency control (AFC)
• Data quality detection (DQD)
• Internal data filtering and clock recovery
• RX synchron pattern recognition
• SPI compatible serial control interface
• Clock and reset signal output for external MCU use
• 16 bit RX Data FIFO
• Two 8 bit TX data registers
• Standard 10 MHz crystal reference
• Wakeup timer
• 2.2V – 3.8V power supply
• Low power consumption
• Standby current less than 0.3uA
• Supports very short packets (down to 3 bytes)
RFM12B


Similar Part No. - RFM12B-915S2P

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM12B-433-DP HOPE-RFM12B-433-DP Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
RFM12B-433-S1P HOPE-RFM12B-433-S1P Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
More results

Similar Description - RFM12B-915S2P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com