Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5191C Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL5191C
Description  1GHz Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5191C Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL5191C Datasheet HTML 1Page - Elantec Semiconductor EL5191C Datasheet HTML 2Page - Elantec Semiconductor EL5191C Datasheet HTML 3Page - Elantec Semiconductor EL5191C Datasheet HTML 4Page - Elantec Semiconductor EL5191C Datasheet HTML 5Page - Elantec Semiconductor EL5191C Datasheet HTML 6Page - Elantec Semiconductor EL5191C Datasheet HTML 7Page - Elantec Semiconductor EL5191C Datasheet HTML 8Page - Elantec Semiconductor EL5191C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
EL5191C
1GHz Current Feedback Amplifier
Typical Performance Curves
Frequency Response for Various CL
1M
10M
100M
1G
Frequency (Hz)
14
10
6
2
-2
-6
AV=2
RF=250Ω
RL=150Ω
0pF added
6pF added
4pF added
Frequency Response for Various RF
1M
10M
100M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
AV=2
RG=RF
RL=150Ω
150
500
375
250
Group Delay vs Frequency
1M
10M
1G
Frequency (Hz)
3.5
2.5
1.5
0.5
100M
AV=2
RF=250Ω
AV=1
RF=390Ω
Frequency Response for Various Common-mode
Input Voltages
1M
10M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
100M
AV=2
RF=250Ω
RL=150Ω
VCM=3V
VCM=0V
VCM=-3V
2
1
0
3
Transimpedance (ROL) vs Frequency
1k
Frequency (Hz)
10k
100k
1M
10M
100M
1G
10M
100
1k
10k
100k
1M
Phase
Gain
PSRR and CMRR vs Frequency
20
-80
-60
-40
-20
0
10k
Frequency (Hz)
100k
1M
10M
1G
100M
PSRR+
PSRR-
CMRR
-90
-180
-270
-360
0


Similar Part No. - EL5191C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5191CS INTERSIL-EL5191CS Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
EL5191CS INTERSIL-EL5191CS Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5191CSZ INTERSIL-EL5191CSZ Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
EL5191CSZ INTERSIL-EL5191CSZ Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5191CSZ-T13 INTERSIL-EL5191CSZ-T13 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5191C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
   1GHz Triple Current Feedback Amplifier
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5191 INTERSIL-EL5191 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
   1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com