Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5193C Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL5193C
Description  Single 300MHz Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5193C Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL5193C Datasheet HTML 6Page - Elantec Semiconductor EL5193C Datasheet HTML 7Page - Elantec Semiconductor EL5193C Datasheet HTML 8Page - Elantec Semiconductor EL5193C Datasheet HTML 9Page - Elantec Semiconductor EL5193C Datasheet HTML 10Page - Elantec Semiconductor EL5193C Datasheet HTML 11Page - Elantec Semiconductor EL5193C Datasheet HTML 12Page - Elantec Semiconductor EL5193C Datasheet HTML 13Page - Elantec Semiconductor EL5193C Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
EL5193C
Single 300MHz Current Feedback Amplifier
Typical Performance Curves
Negative Output Swing vs Temperature for Various
Loads
-3.5
-3.6
-3.7
-3.9
-4
-4.1
-4.2
-40
10
110
160
Temperature (°C)
-3.8
60
Positive Output Swing vs Temperature for Various
Loads
4.2
4.1
4
3.8
3.7
3.6
3.5
-40
10
110
160
Temperature (°C)
3.9
60
1k
150
1k
150
Slew Rate vs Temperature
4000
3500
3000
2500
-40
10
60
110
160
Die Temperature (°C)
Output Current vs Temperature
130
125
120
115
-40
10
60
110
160
Die Temperature (°C)
AV=2
RF=RG=500Ω
RL=150Ω
Sink
Source
Maximum Power Dissipation vs Ambient
Temperature
1.4
1.2
1
0.6
0.4
0.2
0
-50
0
50
100
Ambient Temperature (°C)
0.8
SOT23
SO8
TJMAX=150°C
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity Test Board
0.7
0.6
0.5
0.3
0.2
0.1
0
0
50
100
150
Ambient Temperature (°C)
0.4
25
75
125
625mW
391mW
SO
T23
5L
256
°C/W


Similar Part No. - EL5193C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5193CW-T7 INTERSIL-EL5193CW-T7 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193CW-T7 INTERSIL-EL5193CW-T7 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193CW-T7 INTERSIL-EL5193CW-T7 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193CW-T7 RENESAS-EL5193CW-T7 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193CW-T7A INTERSIL-EL5193CW-T7A Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5193C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com