Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5196C Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL5196C
Description  Single 400MHz Fixed Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5196C Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL5196C Datasheet HTML 3Page - Elantec Semiconductor EL5196C Datasheet HTML 4Page - Elantec Semiconductor EL5196C Datasheet HTML 5Page - Elantec Semiconductor EL5196C Datasheet HTML 6Page - Elantec Semiconductor EL5196C Datasheet HTML 7Page - Elantec Semiconductor EL5196C Datasheet HTML 8Page - Elantec Semiconductor EL5196C Datasheet HTML 9Page - Elantec Semiconductor EL5196C Datasheet HTML 10Page - Elantec Semiconductor EL5196C Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
EL5196C - Preliminary
Single 400MHz Fixed Gain Amplifier
Typical Performance Curves
Frequency Response (Gain)
SO8 Package
1M
10M
100M
Frequency (Hz)
AV=1
RL=150Ω
Frequency Response (Phase)
SO8 Package
1M
10M
100M
1G
Frequency (Hz)
1G
AV=2, -1
RL=150Ω
2
-2
-6
-10
-14
6
0
-90
-180
-270
-360
90
ICMR and IPSR vs Temperature
2.5
2
1.5
1
0.5
0
-0.5
-1
-40
10
60
110
160
Die Temperature (°C)
ICMR-
IPSR
ICMR+
PSRR and CMRR vs Temperature
90
70
50
30
10
-40
10
60
110
160
Die Temperature (°C)
PSRR
CMRR
Offset Voltage vs Temperature
2
1
0
-1
-40
10
60
110
160
Die Temperature (°C)
Input Current vs Temperature
140
120
100
80
40
20
0
-20
-40
10
60
110
160
Die Temperature (°C)
60
IB-
IB+


Similar Part No. - EL5196C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL5196C ETC1-EL5196C Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
EL5196CW-T13 ETC1-EL5196CW-T13 Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
EL5196CW-T7 ETC1-EL5196CW-T7 Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196CW-T7 INTERSIL-EL5196CW-T7 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
EL5196CW-T7A INTERSIL-EL5196CW-T7A Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5196C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
   Single 200MHz Fixed Gain Amplifier
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com