Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5197C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5197C
Description  Single 200MHz Fixed Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5197C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5197C Datasheet HTML 1Page - Elantec Semiconductor EL5197C Datasheet HTML 2Page - Elantec Semiconductor EL5197C Datasheet HTML 3Page - Elantec Semiconductor EL5197C Datasheet HTML 4Page - Elantec Semiconductor EL5197C Datasheet HTML 5Page - Elantec Semiconductor EL5197C Datasheet HTML 6Page - Elantec Semiconductor EL5197C Datasheet HTML 7Page - Elantec Semiconductor EL5197C Datasheet HTML 8Page - Elantec Semiconductor EL5197C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2002 Elantec Semiconductor, Inc.
General Description
The EL5197C and EL5197AC are fixed gain amplifiers with a band-
width of 200MHz, making these amplifiers ideal for today’s high
speed video and monitor applications. These amplifiers feature inter-
nal gain setting resistors and can be configured in a gain of +1, -1 or
+2. The same bandwidth is seen in both gain-of-1 and gain-of-2
applications.
With a supply current of just 4mA and the ability to run from a single
supply voltage from 5V to 10V, these amplifiers are also ideal for
hand held, portable or battery powered equipment.
The EL5197AC also incorporates an enable and disable function to
reduce the supply current to 100µA typical per amplifier. Allowing the
CE pin to float or applying a low logic level will enable the amplifier.
The EL5197C is offered in the 5-pin SOT23 package and the
EL5197AC is available in the 6-pin SOT23 as well as the industry-
standard 8-pin SO packages. Both operate over the industrial tempera-
ture range of -40°C to +85°C.
Pin Configurations
1
2
3
4
8
7
6
5
EL5197ACS
(8-Pin SO)
1
2
3
5
4
EL5197CW
(5-Pin SOT23)
1
2
3
6
4
EL5197ACW
(6-Pin SOT23)
-
+
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
OUT
VS-
IN+
VS+
IN-
-
+
OUT
VS-
IN+
VS+
IN-
5CE
Features
• Gain selectable (+1, -1, +2)
• 200MHz -3dB BW (AV = 1, 2)
• 4mA supply current
• Fast enable/disable (EL5197AC
only)
• Single and dual supply operation,
from 5V to 10V
• Available in SOT23 packages
• Triple (EL5397C) available
• 400MHz, 9mA product available
(EL5196C, EL5396C)
Applications
• Battery powered equipment
• Hand held, portable devices
• Video amplifiers
•Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Ordering Information
Part No
Package
Tape &
Reel
Outline #
EL5197CW-T7
5-Pin SOT23
7”
MDP0038
EL5197CW-T13
5-Pin SOT23
13”
MDP0038
EL5197ACW-T7
6-Pin SOT23
7”
MDP0038
EL5197ACW-T13
6-Pin SOT23
13”
MDP0038
EL5197ACS
8-Pin SO
-
MDP0027
EL5197ACS-T7
8-Pin SO
7”
MDP0027
EL5197ACS-T13
8-Pin SO
13”
MDP0027
EL5197C, EL5197AC
Single 200MHz Fixed Gain Amplifier with Enable


Similar Part No. - EL5197C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5197CW-T13 ELANTEC-EL5197CW-T13 Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197CW-T7 INTERSIL-EL5197CW-T7 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197CW-T7 ELANTEC-EL5197CW-T7 Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197CW-T7 INTERSIL-EL5197CW-T7 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5197C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com