Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5246CN Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL5246CN
Description  100 MHz Single Supply Rail to Rail Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5246CN Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL5246CN Datasheet HTML 7Page - Elantec Semiconductor EL5246CN Datasheet HTML 8Page - Elantec Semiconductor EL5246CN Datasheet HTML 9Page - Elantec Semiconductor EL5246CN Datasheet HTML 10Page - Elantec Semiconductor EL5246CN Datasheet HTML 11Page - Elantec Semiconductor EL5246CN Datasheet HTML 12Page - Elantec Semiconductor EL5246CN Datasheet HTML 13Page - Elantec Semiconductor EL5246CN Datasheet HTML 14Page - Elantec Semiconductor EL5246CN Datasheet HTML 15Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
EL5144C, EL5146C, EL5244C, EL5246C,
EL5444C
100 MHz Single Supply Rail to Rail Amplifier
Output Voltage from Either Rail vs. Die Temperature
for Various Effective RLOAD
DIE TEMPERATURE (°C)
40
Effective RLOAD = 150Ω
1
10
100
300
-55
-15
25
65
145
105
145
Effective RLOAD = 1KΩ
Effective RLOAD = 5KΩ
Effective RLOAD = RL//RF to VS/2
Maximum Power Dissipation vs. Ambient Temperature
Duals (TJMAX = 150°C)
AMBIENT TEMPERATURE (°C)
66
PDIP-14,
ΘJA = 87°C/W
0
0.5
1.0
1.5
2.5
2.0
-50
10
40
70
-20
100
SOIC-14,
ΘJA = 120°C/W
PDIP-8,
ΘJA = 107°C/W
SOIC-8,
ΘJA = 159°C/W
MSOP-8,10,
ΘJA = 206°C/W
Maximum Power Dissipation vs. Ambient Temperature
Quads (TJMAX = 150°C)
AMBIENT TEMPERATURE (°C)
68
PDIP-14,
ΘJA = 83°C/W
0
0.5
1.0
1.5
2.5
2.0
-50
10
40
70
-20
100
SOIC-14,
ΘJA = 118°C/W
QSOP-16,
ΘJA = 158°C/W
Maximum Power Dissipation vs. Ambient Temperature
Singles (TJMAX = 150°C)
AMBIENT TEMPERATURE (°C)
67
PDIP,
ΘJA = 110°C/W
0
0.4
0.8
1.2
2.0
1.6
-50
10
40
70
-20
100
SOIC,
ΘJA = 161°C/W
SOT23-5,
ΘJA = 256°C/W
71
10k
100k
1M
10M
100M
-120
-100
-80
-60
-40
OFF Isolation - EL5146C & EL5246C
FREQUENCY (Hz)
-20
EL 5146CS & EL5146CN
EL5246CS
EL5246CN


Similar Part No. - EL5246CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5246CN INTERSIL-EL5246CN Datasheet
499Kb / 19P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL5246CN RENESAS-EL5246CN Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results

Similar Description - EL5246CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612MA TI1-LMH6612MA Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD623AN AD-AD623AN Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com