Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5221CW-T7 Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL5221CW-T7
Description  Dual 12MHz Rail-to-Rail Input-Output Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5221CW-T7 Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL5221CW-T7 Datasheet HTML 1Page - Elantec Semiconductor EL5221CW-T7 Datasheet HTML 2Page - Elantec Semiconductor EL5221CW-T7 Datasheet HTML 3Page - Elantec Semiconductor EL5221CW-T7 Datasheet HTML 4Page - Elantec Semiconductor EL5221CW-T7 Datasheet HTML 5Page - Elantec Semiconductor EL5221CW-T7 Datasheet HTML 6Page - Elantec Semiconductor EL5221CW-T7 Datasheet HTML 7Page - Elantec Semiconductor EL5221CW-T7 Datasheet HTML 8Page - Elantec Semiconductor EL5221CW-T7 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
EL5221C
Dual 12MHz Rail-to-Rail Input-Output Buffer
Typical Performance Curves
Input Offset Voltage Distribution
Input Offset Voltage (mV)
0
2000
400
1600
1200
800
Input Bias Current vs Temperature
Temperature (°C)
Output Low Voltage vs Temperature
Temperature (°C)
Output High Voltage vs Temperature
Temperature (°C)
Input Offset Voltage vs Temperature
0150
0
5
Temperature (°C)
-10
50
-50
100
10
Typical
Production
Distribution
VS=±5V
TA=25°C
Input Offset Voltage Drift
Typical
Production
Distribution
VS=±5V
TA=25°C
Input Offset Voltage, TCVOS (µ V/°C)
0
35
5
30
20
10
25
15
VS=±5V
-5
0
-2
2
4
-4
0
150
50
-50
100
VS=±5V
4.97
4.96
4.95
4.94
4.93
-50
0
50
100
150
VS=±5V
IOUT=5mA
-4.95
-4.93
-4.97
-4.91
-4.92
-4.94
-4.96
0
150
50
-50
100
VS=±5V
IOUT=-5mA


Similar Part No. - EL5221CW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5221CW-T7 INTERSIL-EL5221CW-T7 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5221CW-T7 INTERSIL-EL5221CW-T7 Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5221CW-T7 RENESAS-EL5221CW-T7 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221CW-T7A INTERSIL-EL5221CW-T7A Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5221CW-T7A INTERSIL-EL5221CW-T7A Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
More results

Similar Description - EL5221CW-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com