Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-8002CA-SHC Datasheet(PDF) 1 Page - Epson Company

Part # SG-8002CA-SHC
Description  Programmable Series Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SG-8002CA-SHC Datasheet(HTML) 1 Page - Epson Company

  SG-8002CA-SHC Datasheet HTML 1Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3/9/2005
36
Packaging
Tape and Reel
(except DB & DC)
L0: 1000pcs per reel
L3: 250pcs per reel
B: Bulk
Stick (DB Only)
S: 25pcs/stick
Stick (DC Only)
S: 35pcs/stick
Product Configuration System
Programmable Series Oscillators
32.0000M
JA
Model Number
Package Type
DB: Plastic 19.8x6.36mm (SG-51 Type)
DC: Plastic 13.7x6.6mm (SG-531 Type)
JA: Plastic 14x8.65mm (SG-615 Type)
JC: Plastic 10.5x5mm (SG-636 Type)
JF: Plastic 5x7mm (SG-645 Type)
CA: Ceramic 5x7mm (SG-710 Type)
LB: NPO 5x3.2mm (SG-550 Type)
CE : Ceramic 3.2x2.5mm (SG-310 Type)
LA: NPO 3.2x2.5mm (SG-350 Type)
Output Frequency
1.0 ~ 125MHz:
M: Unit in MHz
C
P
H
Power Supply (Vdd) Duty Level
H: 5.0V, CMOS (50% Vdd)
T: 5.0V, TTL (1.4V)
C: 3.3V, CMOS (50% Vdd)
Function
P: OE
S: ST
Frequency Stability / Op Temp
B: +/-50ppm -20˚ ~ +70
˚C
C: +/-100ppm -20˚ ~ +70
˚C
M: +/-100ppm -40˚ ~ +85
˚C
SG-8002
-
L0
Blank : Not RoHs Compliant
ROHS
ROHS
NOTE:
Complete PB Free:
SG-8002CA/CE
SG-8002LA/LB
:


Similar Part No. - SG-8002CA-SHC

ManufacturerPart #DatasheetDescription
logo
EPCOS
SG-8002CA-SH EPCOS-SG-8002CA-SH Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
More results

Similar Description - SG-8002CA-SHC

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
SP8 EUROQUARTZ-SP8 Datasheet
112Kb / 1P
   OSCILLATORS - PROGRAMMABLE
logo
CITIZEN ELECTRONICS CO....
SSX-750P CITIZEN-SSX-750P Datasheet
497Kb / 2P
   PROGRAMMABLE OSCILLATORS
logo
EUROQUARTZ limited
SPG EUROQUARTZ-SPG Datasheet
231Kb / 4P
   OSCILLATORS - PROGRAMMABLE
logo
List of Unclassifed Man...
CSX-325P ETC2-CSX-325P Datasheet
77Kb / 1P
   PROGRAMMABLE OSCILLATORS
CSX750P ETC2-CSX750P Datasheet
915Kb / 1P
   PROGRAMMABLE OSCILLATORS
logo
CITIZEN ELECTRONICS CO....
CSX-325P CITIZEN-CSX-325P Datasheet
78Kb / 1P
   PROGRAMMABLE OSCILLATORS
CSX750P CITIZEN-CSX750P Datasheet
915Kb / 1P
   PROGRAMMABLE OSCILLATORS
logo
Ecliptek Corporation
EP2500ETTTSL-24000MTR ECLIPTEK-EP2500ETTTSL-24000MTR Datasheet
117Kb / 3P
   Programmable Crystal Oscillators
EP3600ETTTS-24000MTR ECLIPTEK-EP3600ETTTS-24000MTR Datasheet
113Kb / 3P
   Programmable Crystal Oscillators
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
   Programmable Crystal Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com