Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5221CW-T13 Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL5221CW-T13
Description  Dual 12MHz Rail-to-Rail Input-Output Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5221CW-T13 Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL5221CW-T13 Datasheet HTML 5Page - Elantec Semiconductor EL5221CW-T13 Datasheet HTML 6Page - Elantec Semiconductor EL5221CW-T13 Datasheet HTML 7Page - Elantec Semiconductor EL5221CW-T13 Datasheet HTML 8Page - Elantec Semiconductor EL5221CW-T13 Datasheet HTML 9Page - Elantec Semiconductor EL5221CW-T13 Datasheet HTML 10Page - Elantec Semiconductor EL5221CW-T13 Datasheet HTML 11Page - Elantec Semiconductor EL5221CW-T13 Datasheet HTML 12Page - Elantec Semiconductor EL5221CW-T13 Datasheet HTML 13Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
EL5221C
Dual 12MHz Rail-to-Rail Input-Output Buffer
determine if load conditions need to be modified for the
buffer to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to:
where:
TJMAX = Maximum Junction Temperature
TAMAX= Maximum Ambient Temperature
ΘJA = Thermal Resistance of the Package
PDMAX = Maximum Power Dissipation in the
Package
The maximum power dissipation actually produced by
an IC is the total quiescent supply current times the total
power supply voltage, plus the power in the IC due to the
loads, or:
when sourcing, and
when sinking.
where:
i = 1 to 2 for Dual Buffer
VS = Total Supply Voltage
ISMAX = Maximum Supply Current Per Channel
VOUTi = Maximum Output Voltage of the
Application
ILOADi = Load Current
If we set the two PDMAX equations equal to each other,
we can solve for RLOADi to avoid device overheat. Fig-
ure 3 and Figure 4 provide a convenient way to see if the
device will overheat. The maximum safe power dissipa-
tion can be found graphically, based on the package type
and the ambient temperature. By using the previous
equation, it is a simple matter to see if PDMAX exceeds
the device’s power derating curves. To ensure proper
operation, it is important to observe the recommended
derating curves shown in Figure 3 and Figure 4.
Figure 3. Package Power Dissipation vs
Ambient Temperature
Figure 4. Package Power Dissipation vs
Ambient Temperature
Unused Buffers
It is recommended that any unused buffer have the input
tied to the ground plane.
P
DMAX
T
JM AX
T
AMAX
Θ
JA
---------------------------------------------
=
P
DMAX
ΣiV
[
S
I
SMA X
V
S +
(
V
OU T i )
I
LOAD i ]
×
+
×
=
P
DMAX
ΣiV
[
S
I
SM AX
V
(
OU T iVS- )
I
LOAD i
×
+
×]
=
Package Mounted on a JEDEC JESD51-7 High
Effective Thermal Conductivity Test Board
Ambient Temperature (°C)
0.6
0
1
0.8
0.4
0.2
50
150
100
0125
25
75 85
435mW
MAX TJ=125°C
SOT
23-6
230°
C/W
870mW
M
SO
P-8
11
5°C
/W
Ambient Temperature (°C)
Package Mounted on a JEDEC JESD51-3 Low
Effective Thermal Conductivity Test Board
0.2
0
0.6
0.5
0.1
50
150
100
0125
25
75 85
0.4
0.3
SO
T23
-6
256
°C/W
391mW
MAX TJ=125°C
486mW
MS
OP
-8
206
°C
/W


Similar Part No. - EL5221CW-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5221CW-T13 INTERSIL-EL5221CW-T13 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
More results

Similar Description - EL5221CW-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
   Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Intersil Corporation
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
228Kb / 11P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
   Quad 12MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com