Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CL Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL5420CL
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5420CL Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL5420CL Datasheet HTML 5Page - Elantec Semiconductor EL5420CL Datasheet HTML 6Page - Elantec Semiconductor EL5420CL Datasheet HTML 7Page - Elantec Semiconductor EL5420CL Datasheet HTML 8Page - Elantec Semiconductor EL5420CL Datasheet HTML 9Page - Elantec Semiconductor EL5420CL Datasheet HTML 10Page - Elantec Semiconductor EL5420CL Datasheet HTML 11Page - Elantec Semiconductor EL5420CL Datasheet HTML 12Page - Elantec Semiconductor EL5420CL Datasheet HTML 13Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
EL5220C, EL5420C
12MHz Rail-to-Rail Input-Output Op Amps
Applications Information
Product Description
The EL5220C and EL5420C voltage feedback amplifi-
ers are fabricated using a high voltage CMOS process.
They exhibit rail-to-rail input and output capability, they
are unity gain stable, and have low power consumption
(500µA per amplifier). These features make the
EL5220C and EL5420C ideal for a wide range of gen-
eral-purpose applications. Connected in voltage follower
mode and driving a load of 10k
Ω and 12pF, the
EL5220C and EL5420C have a -3dB bandwidth of
12MHz while maintaining a 10V/µs slew rate. The
EL5220C is a dual amplifier while the EL5420C is a
quad amplifier.
Operating Voltage, Input, and Output
The EL5220C and EL5420C are specified with a single
nominal supply voltage from 5V to 15V or a split supply
with its total range from 5V to 15V. Correct operation is
guaranteed for a supply range of 4.5V to 16.5V. Most
EL5220C and EL5420C specifications are stable over
both the full supply range and operating temperatures of
-40 °C to +85 °C. Parameter variations with operating
voltage and/or temperature are shown in the typical per-
formance curves.
The input common-mode voltage range of the EL5220C
and EL5420C extends 500mV beyond the supply rails.
The output swings of the EL5220C and EL5420C typi-
cally extend to within 80mV of positive and negative
supply rails with load currents of 5mA. Decreasing load
currents will extend the output voltage range even closer
to the supply rails. Figure 1 shows the input and output
waveforms for the device in the unity-gain configura-
tion. Operation is from ±5V supply with a 10k
Ω load
connected to GND. The input is a 10VP-P sinusoid. The
output voltage is approximately 9.985VP-P.
Figure 1. Operation with Rail-to-Rail Input and
Output
Short Circuit Current Limit
The EL5220C and EL5420C will limit the short circuit
current to ±120mA if the output is directly shorted to the
positive or the negative supply. If an output is shorted
indefinitely, the power dissipation could easily increase
such that the device may be damaged. Maximum reli-
ability is maintained if the output continuous current
never exceeds ±30 mA. This limit is set by the design of
the internal metal interconnects.
Output Phase Reversal
The EL5220C and EL5420C are immune to phase rever-
sal as long as the input voltage is limited from (VS-) ----
-0.5V to (VS+) +0.5V. Figure 2 shows a photo of the
output of the device with the input voltage driven
beyond the supply rails. Although the device's output
will not change phase, the input's overvoltage should be
avoided. If an input voltage exceeds supply voltage by
more than 0.6V, electrostatic protection diodes placed in
the input stage of the device begin to conduct and over-
voltage damage could occur.
VS=±5V
TA=25°C
AV=1
VIN=10VP-P


Similar Part No. - EL5420CL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420CL INTERSIL-EL5420CL Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CL-T13 INTERSIL-EL5420CL-T13 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CL-T7 INTERSIL-EL5420CL-T7 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CLZ INTERSIL-EL5420CLZ Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CLZ INTERSIL-EL5420CLZ Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
More results

Similar Description - EL5420CL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com