Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5293C Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL5293C
Description  Dual 300MHz Current Feedback Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5293C Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL5293C Datasheet HTML 4Page - Elantec Semiconductor EL5293C Datasheet HTML 5Page - Elantec Semiconductor EL5293C Datasheet HTML 6Page - Elantec Semiconductor EL5293C Datasheet HTML 7Page - Elantec Semiconductor EL5293C Datasheet HTML 8Page - Elantec Semiconductor EL5293C Datasheet HTML 9Page - Elantec Semiconductor EL5293C Datasheet HTML 10Page - Elantec Semiconductor EL5293C Datasheet HTML 11Page - Elantec Semiconductor EL5293C Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
EL5293C
Dual 300MHz Current Feedback Amplifier
Typical Performance Curves
Settling Time vs Settling Accuracy
25
20
15
10
0
0.01
0.1
1
Settling Accuracy (%)
5
AV=2
RF=RG=500Ω
RL=150Ω
VSTEP=5VP-P output
Transimpedance (RoI) vs Temperature
625
600
575
550
525
-40
10
60
110
160
Die Temperature (°C)
PSRR and CMRR vs Temperature
90
70
50
40
30
20
10
-40
10
60
110
160
Die Temperature (°C)
60
80
PSRR
CMRR
ICMR and IPSR vs Temperature
2
1.5
0.5
0
-0.5
-40
10
60
110
160
Die Temperature (°C)
1
ICMR+
IPSR
ICMR-
Offset Voltage vs Temperature
2
1
0
-1
-2
-40
10
60
110
160
Die Temperature (°C)
Input Current vs Temperature
60
40
20
-20
-40
-60
-40
10
110
160
Temperature (°C)
0
60
IB-
IB+


Similar Part No. - EL5293C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5293CS INTERSIL-EL5293CS Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293CS INTERSIL-EL5293CS Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293CS RENESAS-EL5293CS Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293CS-T13 INTERSIL-EL5293CS-T13 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293CS-T13 INTERSIL-EL5293CS-T13 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5293C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5193C ELANTEC-EL5193C Datasheet
368Kb / 17P
   Single 300MHz Current Feedback Amplifier
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com