Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2849DW Datasheet(PDF) 1 Page - Texas Instruments

Part # UC2849DW
Description  SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2849DW Datasheet(HTML) 1 Page - Texas Instruments

  UC2849DW Datasheet HTML 1Page - Texas Instruments UC2849DW Datasheet HTML 2Page - Texas Instruments UC2849DW Datasheet HTML 3Page - Texas Instruments UC2849DW Datasheet HTML 4Page - Texas Instruments UC2849DW Datasheet HTML 5Page - Texas Instruments UC2849DW Datasheet HTML 6Page - Texas Instruments UC2849DW Datasheet HTML 7Page - Texas Instruments UC2849DW Datasheet HTML 8Page - Texas Instruments UC2849DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DESCRIPTION
BLOCK DIAGRAM
Pinnumbersreferto24-pinpackages.
UC2849
UC3849
SLUS360C – JULY 1995 – REVISED AUGUST 2007
SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
• Practical Secondary Side Control of Isolated
The
UC3849
family
of
average
current-mode
Power Supplies
controllers accurately accomplishes secondary side
average current mode control. The secondary-side
• 1 MHz Operation
output voltage is regulated by sensing the output
• Differential AC Switching Current Sensing
voltage and differentially sensing the ac switching
• Accurate Programmable Maximum Duty Cycle
current. The sensed output voltage drives a voltage
error amplifier. The ac switching current, monitored
• Multiple Chips Can be Synchronized to
by a current sense resistor, drives a high bandwidth,
Fastest Oscillator
low offset current sense amplifier. The outputs of the
• Wide Gain Bandwidth Product (70 MHz, Acl
voltage error amplifier and current sense amplifier
>10) Current Error and Current Sense
differentially drive a high bandwidth, integrating
Amplifiers
current error amplifier. The sawtooth waveform at the
• Up to Ten Devices Can Easily Share a
current error amplifier output is the amplified and
inverted inductor current sensed through the resistor.
Common Load
This inductor current down-slope compared to the
PWM ramp achieves slope compensation, which
gives
an
accurate
and
inherent
fast
transient
response to changes in load.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UC2849DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2849 TI-UC2849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results

Similar Description - UC2849DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI1-UC1826_08 Datasheet
508Kb / 12P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com